Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S8866-64 Datasheet(PDF) 8 Page - Hamamatsu Corporation

Part No. S8866-64
Description  Photodiode array combined with signal processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

S8866-64 Datasheet(HTML) 8 Page - Hamamatsu Corporation

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Photodiode arrays with ampli er
S8866-64/-128
Direction of scan
0.25
0.5
110 ± 1.1
25.4
12
Silicon resin
Signal processing
IC chip
Photodiode 1 ch
Photosensitive
area
* Length from the bottom of the board to the center of photosensitive area
Board: Ceramic
1
102.4
P2.54 × 5 = 12.7
P2.54 × 5 = 12.7
S8866-64
Type no.
A
3.2
S8866-128
3.0
Dimensional outline (unit: mm)
KMPDA0225EB
Gain selection terminal voltage setting
Vdd: High gain (Cf=0.5 pF) GND: Low gain (Cf=1 pF)
Pin connections
Pin no.
Symbol
Name
Note
1
RESET
Reset pulse
Pulse input
2
CLK
Clock pulse
Pulse input
3
Trig
Trigger pulse
Positive-going pulse output
4
EXTSP
External start pulse
Pulse input
5
Vms
Master/slave selection supply voltage
Voltage input
6
Vdd
Supply voltage
Voltage input
7
GND
Ground
8
EOS
End of scan
Negative-going pulse output
9
Video
Video output
Negative-going output with respect to Vref
10
Vref
Reference voltage
Voltage input
11
Vgain
Gain selection terminal voltage
Voltage input
12
Vpd
Photodiode voltage
Voltage input


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn