Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S8866-64 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part No. S8866-64
Description  Photodiode array combined with signal processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

S8866-64 Datasheet(HTML) 5 Page - Hamamatsu Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Photodiode arrays with ampli er
S8866-64/-128
Spectral response (measurement example)
Output offset voltage vs. ambient temperature
(measurement example)
Dark output voltage vs. ambient temperature
(measurement example)
0.5
0.4
0.3
0.2
0.1
0
200
400
600
800
Wavelength (nm)
1000
1200
(Ta=25 °C)
0
4.495
4.505
4.504
4.503
4.502
4.501
4.500
4.499
4.498
4.497
4.496
10
20
30
40
50
60
Ambient temperature (°C)
0
0.001
(Ts=1000 ms)
1
0.1
0.01
10
20
30
40
50
60
Ambient temperature (°C)
KMPDB0275EA
KMPDB0288EA
KMPDB0289EA
5


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn