Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S8866-64 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part No. S8866-64
Description  Photodiode array combined with signal processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

S8866-64 Datasheet(HTML) 3 Page - Hamamatsu Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Photodiode arrays with ampli er
S8866-64/-128
Output waveform of one element
3
Electrical and optical characteristics [Ta=25 °C, Vdd=5 V, V (CLK)=V (RESET)=5 V, Vgain=5 V (High gain), 0 V (Low gain)]
Parameter
Symbol
S8866-64
S8866-128
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Spectral response range
λ
300 to 1000
300 to 1000
nm
Peak sensitivity wavelength
λp
-
720
-
-
720
-
nm
Dark output voltage*6
High gain
Vd
-
0.01
0.2
-
0.01
0.2
mV
Low gain
-
0.005
0.1
-
0.005
0.1
Saturation output voltage
Vsat
3
3.5
-
3
3.5
-
V
Saturation exposure*7
High gain
Esat
-
0.2
0.25
-
0.8
1.0
mlx · s
Low gain
-
0.4
0.5
-
1.6
2.0
Photo sensitivity
High gain
S
14400
18000
-
3520
4400
-
V/lx · s
Low gain
7200
9000
-
1760
2200
-
Photo response non-uniformity*8
PRNU
-
-
±10
--
±10
%
Noise*9
High gain
N
-
2.0
3.0
-
1.3
2.0
mVrms
Low gain
-
1.1
1.7
-
0.7
1.1
Output offset voltage*10
Vos
-
Vref
-
-
Vref
-
V
*6: Integration time ts=1 ms
*7: Measured with a 2856 K tungsten lamp.
*8: When the photodiode array is exposed to uniform light which is 50% of the saturation exposure, the photo response non-uniformity
(PRNU) is de ned as follows:
PRNU = ΔX/X × 100 [%]
X: average output of all elements, ΔX: difference between X and the maximum or minimum output, whichever is larger.
*9: Measured with a video data rate of 50 kHz and ts=1 ms in dark state.
*10: Video output is negative-going output with respect to the output offset voltage.
Output offset
voltage
Vref=4.5 V typ.
Saturation
output voltage
Vsat=3.5 V typ.
GND
GND
GND
200 ns/div.
1 V/div.
10 V/div.
Trigger
CLK
Saturation
state
Dark state
1 V typ.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn