Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7199-01 Datasheet(PDF) 6 Page - Hamamatsu Corporation

Part # S7199-01
Description  CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7199-01 Datasheet(HTML) 6 Page - Hamamatsu Corporation

  S7199-01_11 Datasheet HTML 1Page - Hamamatsu Corporation S7199-01_11 Datasheet HTML 2Page - Hamamatsu Corporation S7199-01_11 Datasheet HTML 3Page - Hamamatsu Corporation S7199-01_11 Datasheet HTML 4Page - Hamamatsu Corporation S7199-01_11 Datasheet HTML 5Page - Hamamatsu Corporation S7199-01_11 Datasheet HTML 6Page - Hamamatsu Corporation S7199-01_11 Datasheet HTML 7Page - Hamamatsu Corporation S7199-01_11 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CCD area image sensor
S7199-01
6
KMPDA0129EB
0.45
LEFT CHIP
EDGE PIXEL
DEAD SPACE: 130 to 200 µm
FOP
150.0 ± 0.2
149.5 ± 0.5
B1
B13
75.0 ± 0.4
75.0 ± 0.4
X-RAY
SENSITIVE AREA:
146.0 (H) × 6.0 (V)
A1
A13
22.86 ± 0.5 22.86 ± 0.5
30.48 ± 0.5
A20
← A14
FOP
3.0
2.54
3.4
* Distance between the center of
active area and the I/O pins
B20
← B14
RIGHT CHIP
1.6
5.6
()
30.48 ± 0.5
SCINTILLATOR
TDI direction
s Dimensional outline (unit: mm)
S7199-01
KMPDA0282EB
0.45
LEFT CHIP
EDGE PIXEL
DEAD SPACE: 130 to 200 µm
FOP
150.0 ± 0.2
149.5 ± 0.5
B1
B13
147.5
CCD
ACTIVE AREA:
146.0 (H) × 6.0 (V)
A1
A13
22.86 ± 0.5 22.86 ± 0.5
30.48 ± 0.5
A20
← A14
FOP
3.0
2.54
3.4
* Distance between the center of
active area and the I/O pins
B20
← B14
RIGHT CHIP
1.6
5.2
()
30.48 ± 0.5
TDI direction
S7199-01F


Similar Part No. - S7199-01_11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7199-01 HAMAMATSU-S7199-01_15 Datasheet
264Kb / 9P
   TDI-CCD area image sensor
More results

Similar Description - S7199-01_11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S8980 HAMAMATSU-S8980 Datasheet
185Kb / 7P
   Front-illuminated FFT-CCDs for X-ray imaging
S8984-02 HAMAMATSU-S8984-02_15 Datasheet
238Kb / 3P
   Front-illuminated FFT-CCD for X-ray imaging
S8658-01 HAMAMATSU-S8658-01 Datasheet
150Kb / 7P
   Front-illuminated FFT-CCD for X-ray imaging
S10814 HAMAMATSU-S10814 Datasheet
361Kb / 10P
   Front-illuminated FFT-CCD for X-ray imaging
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com