Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7030 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # S7030
Description  Back-thinned FFT-CCD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7030 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  S7030 Datasheet HTML 1Page - Hamamatsu Corporation S7030 Datasheet HTML 2Page - Hamamatsu Corporation S7030 Datasheet HTML 3Page - Hamamatsu Corporation S7030 Datasheet HTML 4Page - Hamamatsu Corporation S7030 Datasheet HTML 5Page - Hamamatsu Corporation S7030 Datasheet HTML 6Page - Hamamatsu Corporation S7030 Datasheet HTML 7Page - Hamamatsu Corporation S7030 Datasheet HTML 8Page - Hamamatsu Corporation S7030 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CCD area image sensors
S7030/S7031 series
KMPDC0016EC
Device structure (conceptual drawing of top view)
23
22
21
20
14
15
24
1
2
12
11
89
3
4
5
4 blank pixels
4 blank pixels
V=58, 122
H=512, 1024
Thinning
1 23 45
2
3
4
5
V
H
6-bevel
6-bevel
2
n
signal out
13
10
5


Similar Part No. - S7030

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
More results

Similar Description - S7030

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7170-0909 HAMAMATSU-S7170-0909_11 Datasheet
273Kb / 12P
   512 횞 512 pixels, back-thinned FFT-CCD
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
S7170-0909 HAMAMATSU-S7170-0909 Datasheet
186Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S11500-1007 HAMAMATSU-S11500-1007 Datasheet
453Kb / 7P
   Enhanced near infrared sensitivity: QE=40% (貫=1000 nm), back-thinned FFT-CCD
C8000-20 HAMAMATSU-C8000-20 Datasheet
121Kb / 2P
   BT(Back-thinned)-CCD Video Camera
C8000-10 HAMAMATSU-C8000-10 Datasheet
66Kb / 2P
   BT(Back-thinned)-CCD Digital Camera
S10200-02 HAMAMATSU-S10200-02 Datasheet
232Kb / 11P
   Back-thinned TDI-CCD Operating the back-thinned CCD in TDI mode delivers high sensitivity.
C9047 HAMAMATSU-C9047 Datasheet
157Kb / 4P
   Designed for back-thinned CCD area image sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com