Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P11159-01AS Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # P11159-01AS
Description  Small package and high resolution encoder module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P11159-01AS Datasheet(HTML) 2 Page - Hamamatsu Corporation

  P11159-01AS Datasheet HTML 1Page - Hamamatsu Corporation P11159-01AS Datasheet HTML 2Page - Hamamatsu Corporation P11159-01AS Datasheet HTML 3Page - Hamamatsu Corporation P11159-01AS Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Encoder module
P11159-01AS
2
Block diagram
Anode
Cathode
LED
Photo IC
-
+
-
+
Preamp
Output buffer
GND
Photodiode
Hysteresis comparator
& buffer comparator
PD A
PD B
PD C
PD D
VOB
VOA
Vcc
KPCC0011EB


Similar Part No. - P11159-01AS

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P11159-201AS HAMAMATSU-P11159-201AS_15 Datasheet
162Kb / 4P
   Small package and high resolution encoder module
More results

Similar Description - P11159-01AS

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P11159-201AS HAMAMATSU-P11159-201AS_15 Datasheet
162Kb / 4P
   Small package and high resolution encoder module
logo
ams AG
AS5311 AMSCO-AS5311 Datasheet
546Kb / 23P
   High Resolution Magnetic Linear Encoder
AS5311 AMSCO-AS5311_07 Datasheet
418Kb / 29P
   High Resolution Magnetic Linear Encoder
logo
TE Connectivity Ltd
MS5806-02BA TEC-MS5806-02BA Datasheet
513Kb / 19P
   High resolution module, 20cm
MS5803-05BA TEC-MS5803-05BA Datasheet
467Kb / 19P
   High resolution module, 30cm
MS5803-01BA TEC-MS5803-01BA Datasheet
493Kb / 19P
   High resolution module, 10cm
MS5803-02BA TEC-MS5803-02BA Datasheet
484Kb / 19P
   High resolution module, 20cm
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Seiko Instruments Inc
S1323 SII-S1323 Datasheet
534Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com