Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9730DK-10 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C9730DK-10
Description  For soft X-ray imaging, cassette type with USB 2.0 interface Photodiode area: 52.852.8 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9730DK-10 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C9730DK-10 Datasheet HTML 1Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 2Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 3Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 4Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 5Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 6Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 7Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Flat panel sensor
C9730DK-10
2
General ratings
Absolute maximum ratings (Ta=25 °C)
Specifications (Ta=25 °C, A.vdd=5.0 V, D.vdd=5.0 V)
Parameter
Specification
Unit
Pixel size
50 × 50
μm
Photodiode area
52.8 × 52.8
mm
Number of pixels
1056 × 1056
pixels
Number of active pixels
1032 × 1032
pixels
Readout
Charge amplifier array
-
Video output
USB 2.0
-
TrgIn, TrgOut
TTL
-
Scintillator
Direct deposition CsI
-
Parameter
Symbol
Value
Unit
Supply voltage for digital circuitry (+5 V)
D.vdd
+6.0
V
Supply voltage for analog circuitry (+5 V)
A.vdd
+6.0
V
Operating temperature *1
Topr
0 to +35
°C
Storage temperature *1
Tstg
0 to +50
°C
Incident X-ray energy
-
35
kVp
*1: No condensation
Parameter
Symbol
Min.
Typ.
Max.
Unit
Frame rate max.
Sf(max)
3.8
4
-
frames/s
Frame rate
Sf
-
0.5 to Sf(max)
-
frames/s
Noise (rms) *2
N(rms)
-
1250
-
electrons
Sensitivity *3
S
52
65
-
LSB/mR
Resolution *4
Reso
9
10
-
line pairs/mm
Saturation charge
Csat
-
6.4
-
M electrons
Dynamic range
-
-
5100
-
-
Defect line *5
-
-
-
10
lines
Blemish *6
-
-
-
600
μm
Non-uniformity of sensitivity *6
--
-
4
%
Defect cluster *6
-
Not allowed
-
Bright line output adjacent to a defect line *6
-
-
-
120
%
Output offset *7
-
-
260
800
LSB
*2: Internal trigger mode at Sf(max)
*3: Mo target 30 kV, without filter
*4: Spatial frequency at CTF=5 %
*5: A defect line is a horizontal or vertical line containing 4 or more
cosecutive pixels located at the opposite side of an amplifier array
or a shift register, that produce 1/8 of the average sensitivity of
the surrounding pixels.
Adjacent defective lines are not allowed in the vertical or horizontal
directions.
*6: See P. 5, “Description of terms”
*7: Average of all active pixels at Sf(max)
Note: X-ray energy range is less than 35 kVp (17 keV Mo source).


Similar Part No. - C9730DK-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9730DK-10 HAMAMATSU-C9730DK-10 Datasheet
92Kb / 4P
   Large area soft X-ray imaging, high resolution
C9730DK-10 HAMAMATSU-C9730DK-10_15 Datasheet
217Kb / 9P
   Flat panel sensor
More results

Similar Description - C9730DK-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9728DK-10 HAMAMATSU-C9728DK-10_11 Datasheet
440Kb / 8P
   For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 횞 52.8 mm
C9728DK-10 HAMAMATSU-C9728DK-10_15 Datasheet
217Kb / 9P
   For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 x 52.8 mm
C9732DK-11 HAMAMATSU-C9732DK-11_11 Datasheet
492Kb / 8P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 횞 120 mm
C9732DK-11 HAMAMATSU-C9732DK-11 Datasheet
951Kb / 6P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 횞 120 mm
C9732DK-11 HAMAMATSU-C9732DK-11_15 Datasheet
289Kb / 9P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 x 120 mm
C9728DK-10 HAMAMATSU-C9728DK-10 Datasheet
89Kb / 4P
   Flat panel sensor Cassette type X-ray sensor with USB 2.0 interface
C9730DK-10 HAMAMATSU-C9730DK-10 Datasheet
92Kb / 4P
   Large area soft X-ray imaging, high resolution
S10831 HAMAMATSU-S10831_15 Datasheet
651Kb / 9P
   CMOS area image sensors for X-ray imaging
S10830 HAMAMATSU-S10830_15 Datasheet
653Kb / 9P
   CMOS area image sensors for X-ray imaging
C9732DK HAMAMATSU-C9732DK Datasheet
96Kb / 4P
   Flat panel sensor Large area/soft X-ray imaging, high resolution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com