Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9730DK-10 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # C9730DK-10
Description  For soft X-ray imaging, cassette type with USB 2.0 interface Photodiode area: 52.852.8 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9730DK-10 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  C9730DK-10 Datasheet HTML 1Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 2Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 3Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 4Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 5Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 6Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 7Page - Hamamatsu Corporation C9730DK-10 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Flat panel sensor
C9730DK-10
5
After installing DCAM-API in a PC with a USB 2.0 port, connect the C9730DK-10 to that PC.
Connection
Video output
(14-bit digital)
X-ray source
USB 2.0
Monitor
PC/AT
(Rear view)
TrgIn
TrgOut
OS +
Image acquisition
software
Voltage source
(A.vdd, D.vdd)
C9730DK-10
KACCC0446EA


Similar Part No. - C9730DK-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9730DK-10 HAMAMATSU-C9730DK-10 Datasheet
92Kb / 4P
   Large area soft X-ray imaging, high resolution
C9730DK-10 HAMAMATSU-C9730DK-10_15 Datasheet
217Kb / 9P
   Flat panel sensor
More results

Similar Description - C9730DK-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9728DK-10 HAMAMATSU-C9728DK-10_11 Datasheet
440Kb / 8P
   For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 횞 52.8 mm
C9728DK-10 HAMAMATSU-C9728DK-10_15 Datasheet
217Kb / 9P
   For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 x 52.8 mm
C9732DK-11 HAMAMATSU-C9732DK-11_11 Datasheet
492Kb / 8P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 횞 120 mm
C9732DK-11 HAMAMATSU-C9732DK-11 Datasheet
951Kb / 6P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 횞 120 mm
C9732DK-11 HAMAMATSU-C9732DK-11_15 Datasheet
289Kb / 9P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 x 120 mm
C9728DK-10 HAMAMATSU-C9728DK-10 Datasheet
89Kb / 4P
   Flat panel sensor Cassette type X-ray sensor with USB 2.0 interface
C9730DK-10 HAMAMATSU-C9730DK-10 Datasheet
92Kb / 4P
   Large area soft X-ray imaging, high resolution
S10831 HAMAMATSU-S10831_15 Datasheet
651Kb / 9P
   CMOS area image sensors for X-ray imaging
S10830 HAMAMATSU-S10830_15 Datasheet
653Kb / 9P
   CMOS area image sensors for X-ray imaging
C9732DK HAMAMATSU-C9732DK Datasheet
96Kb / 4P
   Flat panel sensor Large area/soft X-ray imaging, high resolution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com