Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9728DK-10 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C9728DK-10
Description  For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.852.8 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9728DK-10 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C9728DK-10 Datasheet HTML 1Page - Hamamatsu Corporation C9728DK-10 Datasheet HTML 2Page - Hamamatsu Corporation C9728DK-10 Datasheet HTML 3Page - Hamamatsu Corporation C9728DK-10 Datasheet HTML 4Page - Hamamatsu Corporation C9728DK-10 Datasheet HTML 5Page - Hamamatsu Corporation C9728DK-10 Datasheet HTML 6Page - Hamamatsu Corporation C9728DK-10 Datasheet HTML 7Page - Hamamatsu Corporation C9728DK-10 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Flat panel sensor
C9728DK-10
For diffraction, cassette type with USB 2.0 interface
Photodiode area: 52.8 × 52.8 mm
www.hamamatsu.com
1
The C9728DK-10 is a high detection capability digital X-ray image sensor newly developed as a key device for X-ray diffracto-
meters less than 18 keV. The device shape is thin cassette which incorporates on-chip high-resolution scintillator and a control
board. An on-board USB 2.0 interface can realize fast data transfer with the C9728DK-10.
Active pixels readout *1
Diffraction
Radiography
Low noise: 80 electrons
1032 × 1032 pixels (50 μm pitch)
14-bit digital output (USB 2.0 interface)
Compatible with HAMAMATSU API (DCAM-API)
High-speed imaging: 3 frames/s
Structure
The C9728DK-10 is comprised of a sensor board and a control board. Mounted on the sensor board is a CMOS image sensor chip made up of a
two-dimensional active pixel amplifier array, row-scanning vertical shift register, and 8 shift register blocks.
CsI scintillator is directly deposited on the two-dimensional photodiode array. X-rays incident on the scintillator are converted to fluorescence, which
then enters the two-dimensional photodiode array where electric charge is accumulated in each pixel according to the light intensity. Each pixel has
a low noise active pixel amplifier. The analog video signal from each pixel is held by the 1056 ch sample-and-hold circuit with a CDS (correlated
double sampling) circuit added, and is then output from each amplifier array by scanning the horizontal shift register.
The control board converts the analog signal into a 14-bit digital signal, which is then output to a PC through the USB 2.0 interface.
*1: The amplifier integrated in each pixel converts charge to voltage.
Since the amplifier input capacitance is small compared to the
passive pixel type, imaging can be made with low noise and high
sensitivity.
Horizontal shift
register No. 1
Horizontal shift
register No. 8
Pixel number
Active pixel amplifier
array
with directly
deposited CsI
scintillator
12
1115136
1057
1056
1055
2112
1115135
2111
KACCC0268EC
Timing
pulse
generator
Oscillator
TrgOut
A/D
External power supply
A.vdd, D.vdd (not attached)
Buffer
amp
Buffer
amp
Processing
amp
Processing
amp
Bias
generator
USB IC
TrgIn
FIFO
A/D
FIFO
Video data
Flat panel control
(USB 2.0 interface)
Sensor board
Control board
Note: Signals are read out in order of pixel number.
KACCC0268EC
High resolution
Features
Applications


Similar Part No. - C9728DK-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9728DK-10 HAMAMATSU-C9728DK-10 Datasheet
89Kb / 4P
   Flat panel sensor Cassette type X-ray sensor with USB 2.0 interface
C9728DK-10 HAMAMATSU-C9728DK-10_15 Datasheet
217Kb / 9P
   For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 x 52.8 mm
More results

Similar Description - C9728DK-10

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9728DK-10 HAMAMATSU-C9728DK-10_15 Datasheet
217Kb / 9P
   For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 x 52.8 mm
C9730DK-10 HAMAMATSU-C9730DK-10_11 Datasheet
490Kb / 8P
   For soft X-ray imaging, cassette type with USB 2.0 interface Photodiode area: 52.8 횞 52.8 mm
C9732DK-11 HAMAMATSU-C9732DK-11_11 Datasheet
492Kb / 8P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 횞 120 mm
C9732DK-11 HAMAMATSU-C9732DK-11 Datasheet
951Kb / 6P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 횞 120 mm
C9732DK-11 HAMAMATSU-C9732DK-11_15 Datasheet
289Kb / 9P
   For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 x 120 mm
C9728DK-10 HAMAMATSU-C9728DK-10 Datasheet
89Kb / 4P
   Flat panel sensor Cassette type X-ray sensor with USB 2.0 interface
C10900D HAMAMATSU-C10900D Datasheet
514Kb / 10P
   Four selectable scan modes Photodiode area: 124.8 횞 124.8 mm
logo
OptoDiode Corp
AXUV20HS1 OPTODIODE-AXUV20HS1 Datasheet
142Kb / 2P
   PHOTODIODE 5 mm Circular active area
AXUV100AL OPTODIODE-AXUV100AL Datasheet
194Kb / 2P
   PHOTODIODE 100 mm Square active area
AXUV100TI OPTODIODE-AXUV100TI Datasheet
238Kb / 2P
   PHOTODIODE 100 mm Square active area
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com