Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4777 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # C4777
Description  APD module APD module integrated with peripheral circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4777 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  C4777 Datasheet HTML 1Page - Hamamatsu Corporation C4777 Datasheet HTML 2Page - Hamamatsu Corporation C4777 Datasheet HTML 3Page - Hamamatsu Corporation C4777 Datasheet HTML 4Page - Hamamatsu Corporation C4777 Datasheet HTML 5Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APD module
C4777 series
60.0
57.0
45.0
106.6
60.0
29.1
5.2 ± 0.2
POWER
SIGNAL
(4 ×) M3 DEPTH 3
(FLANGE IS REMOVED.)
FRONT
SIDE
BASE
(2 ×) M4 DEPTH 4
WEIGHT: 350 g
BACK
FLANGE IS REMOVED.
PHOTO-
SENSITIVE
SURFACE
POWER
SUPPLY
SIGNAL OUTPUT
ACTIVE AREA
3 mm
s Dimensional outline (unit: mm)
60.0
57.0
45.0
103.0
60.0
25.5
4.0 ± 0.2
POWER
SIGNAL
ACTIVE AREA
0.5 mm
(4 ×) M3 DEPTH 3
(FLANGE IS REMOVED.)
FRONT
SIDE
BASE
(2 ×) M4 DEPTH 4
POWER
SUPPLY
WEIGHT: 350 g
SIGNAL OUTPUT
BACK
FLANGE IS REMOVED.
PHOTO-
SENSITIVE
SURFACE
KACCA0071EA
KACCA0080EA
When using C4777-01, do not terminate the output with a 50
Ω load.
When using C4777, be sure to terminate the output with a 50
Ω load.
C4777
C4777-01
4


Similar Part No. - C4777

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4777 HAMAMATSU-C4777 Datasheet
172Kb / 4P
   APD module
logo
Powerbox
C4777 POWERBOX-C4777 Datasheet
528Kb / 2P
   2500 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Hamamatsu Corporation
C4777-01 HAMAMATSU-C4777-01 Datasheet
172Kb / 4P
   APD module
More results

Similar Description - C4777

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C12703 HAMAMATSU-C12703_15 Datasheet
407Kb / 5P
   APD module integrated with peripheral circuits
C5658 HAMAMATSU-C5658 Datasheet
102Kb / 2P
   APD module
C5460 HAMAMATSU-C5460 Datasheet
156Kb / 4P
   APD module
C4777 HAMAMATSU-C4777 Datasheet
172Kb / 4P
   APD module
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
   InGaAs APD MODULE FOR LONG WAVELENGTH BAND
FU-319SPA-X6M2X MITSUBISHI-FU-319SPA-X6M2X Datasheet
99Kb / 6P
   APD-TIA MODULE FOR LONG WAVELENGTH BAND
logo
Ericsson
PGR20314 ERICSSON-PGR20314 Datasheet
343Kb / 4P
   APD Receiver Module for 2.5 Gb/s
logo
Hamamatsu Corporation
S4402 HAMAMATSU-S4402 Datasheet
82Kb / 2P
   Si APD ?1 mm quadrant APD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com