Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3165800J-60 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # HYB3165800J-60
Description  8M x 8-Bit Dynamic RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3165800J-60 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button HYB3165800J-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3165800J-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3165800J-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3165800J-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3165800J-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3165800J-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3165800J-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3165800J-60 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3165800J-60 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Semiconductor Group
128
HYB 3164(5)800J/T-50/-60
8M x 8-DRAM
Average Vcc supply current, during RAS-only
refresh cycles:
-50 ns version
-60 ns version
(RAS cycling: CAS = VIH: tRC = tRC min.)
I
CC3
110 (140)
100 (120)
mA
mA
2) 4)
Average Vcc supply current,
during fast page mode:
-50 ns version
-60 ns version
(RAS = VIL, CAS, address cycling: tPC=tPC min.)
I
CC4
85 (85)
75 (75)
mA
mA
2) 3) 4)
Standby Vcc supply current
(RAS=CAS= Vcc-0.2V)
I
CC5
200
A
Average Vcc supply current, during CAS-before-
RAS refresh mode:
-50 ns version
-60 ns version
(RAS, CAS cycling: tRC = tRC min.)
I
CC6
110 (140)
100 (120)
mA
mA
2) 4)
Self Refresh Current
Average Power Supply Current during Self Refresh.
(CBR cycle with tRAS>TRASSmin, CAS held low,
WE = Vcc-0.2V, Address and Din=Vcc-0.2V or 0.2V)
I
CC7
400
A
Capacitance
T
A = 0 to 70 ˚C,VCC = 3.3 V ± 0.3 V, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A11,A12)
C
I1
–5pF
Input capacitance (RAS, CAS, WRITE, OE)
C
I2
–7pF
I/O capacitance (I/O1-I/O8)
C
IO
–7pF
DC Characteristics (cont’d)
T
A = 0 to 70 ˚C, VSS = 0 V, VCC = 3.3 V ± 0.3 V, (values in brackets for HYB 3165800J/T)
Parameter
Symbol
Limit Values
Unit Note
min.
max.


Similar Part No. - HYB3165800J-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3165800AJ-40 SIEMENS-HYB3165800AJ-40 Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3165800AJ-50 SIEMENS-HYB3165800AJ-50 Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3165800AJ-60 SIEMENS-HYB3165800AJ-60 Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3165800AT-40 SIEMENS-HYB3165800AT-40 Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3165800AT-50 SIEMENS-HYB3165800AT-50 Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
More results

Similar Description - HYB3165800J-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ SIEMENS-HYB3164805AJ Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805J SIEMENS-HYB3164805J Datasheet
477Kb / 32P
   8M x 8-Bit Dynamic RAM
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com