Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1746WP-120IND+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1746WP-120IND+
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1746WP-120IND+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1746WP-120IND+ Datasheet HTML 2Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 3Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 4Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 5Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 6Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 7Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 8Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 9Page - Maxim Integrated Products DS1746WP-120IND+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DS1746/DS1746P Y2K-Compliant, Nonvolatile Timekeeping RAMs
6 of 16
Table 2. Register Map
ADDRESS
DATA
FUNCTION RANGE
B7
B6
B5
B4
B3
B2
B1
B0
1FFFF
10 Year
Year
Year
00-99
1FFFE
X
X
X
10 Month
Month
Month
01-12
1FFFD
X
X
10 Date
Date
Date
01-31
1FFFC
BF
FT
X
X
X
Day
Day
01-07
1FFFB
X
X
10 Hour
Hour
Hour
00-23
1FFFA
X
10 Minutes
Minutes
Minutes
00-59
1FFF9
OSC
10 Seconds
Seconds
Seconds
00-59
1FFF8
W
R
10 Century
Century
Century
00-39
OSC
= Stop Bit
R = Read Bit
FT = Frequency Test
W = Write Bit
X = See Note
BF = Battery Flag
Note: All indicated “X” bits are not used but must be set to “0” during a write cycle to ensure proper clock
operation.
RETRIEVING DATA FROM RAM OR CLOCK
The DS1746 is in the read mode whenever OE (output enable) is low, WE (write enable) is high, and CE
(chip enable) is low. The device architecture allows ripple-through access to any of the address locations
in the NV SRAM. Valid data will be available at the DQ pins within tAA after the last address input is
stable, providing that the CE and OE access times and states are satisfied. If CE or OE access times and
states are not met, valid data will be available at the latter of chip enable access (tCEA) or at output enable
access time (tOEA). The state of the data input/output pins (DQ) is controlled by CE and OE. If the outputs
are activated before tAA, the data lines are driven to an intermediate state until tAA . If the address inputs
are changed while CE and OE remain valid, output data will remain valid for output data hold time (tOH)
but will then go indeterminate until the next address access.
WRITING DATA TO RAM OR CLOCK
The DS1746 is in the write mode whenever WE, and CE are in their active state. The start of a write is
referenced to the latter occurring transition of WE, or CE. The addresses must be held valid throughout
the cycle. CE or WE must return inactive for a minimum of tWR prior to the initiation of another read or
write cycle. Data in must be valid tDS prior to the end of write and remain valid for tDS afterward. In a
typical application, the OE signal will be high during a write cycle. However, OE can be active provided
that care is taken with the data bus to avoid bus contention. If OE is low prior to WE transitioning low the
data bus can become active with read data defined by the address inputs. A low transition on WE will
then disable the output tWEZ after WE goes active.


Similar Part No. - DS1746WP-120IND+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1746WP-120IND++ MAXIM-DS1746WP-120IND+ Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results

Similar Description - DS1746WP-120IND+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
DS1746 MAXIM-DS1746_10 Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com