Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1338U-18+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1338U-18+
Description  I2C RTC with 56-Byte NV RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1338U-18+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1338U-18+ Datasheet HTML 1Page - Maxim Integrated Products DS1338U-18+ Datasheet HTML 2Page - Maxim Integrated Products DS1338U-18+ Datasheet HTML 3Page - Maxim Integrated Products DS1338U-18+ Datasheet HTML 4Page - Maxim Integrated Products DS1338U-18+ Datasheet HTML 5Page - Maxim Integrated Products DS1338U-18+ Datasheet HTML 6Page - Maxim Integrated Products DS1338U-18+ Datasheet HTML 7Page - Maxim Integrated Products DS1338U-18+ Datasheet HTML 8Page - Maxim Integrated Products DS1338U-18+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS1338 I2C RTC with 56-Byte NV RAM
4 of 16
POWER-UP/POWER-DOWN CHARACTERISTICS
(TA = -40°C to +85°C) (Note 1, Figure 1)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Recovery at Power-Up (Note 15)
tREC
2
ms
VCC Fall Time; VPF(MAX) to VPF(MIN)
tVCCF
300
µ
s
VCC Rise Time; VPF(MIN) to VPF(MAX)
tVCCR
0
µ
s
Warning: Negative undershoots below -0.3V while the part is in battery-backed mode may cause
loss of data.
Note 1:
Limits at -40°C are guaranteed by design and not production tested.
Note 2:
All voltages are referenced to ground.
Note 3:
SCL only.
Note 4:
SDA and SQW/OUT.
Note 5:
ICCA—SCL clocking at max frequency = 400kHz.
Note 6:
Specified with the I2C bus inactive.
Note 7:
Measured with a 32.768kHz crystal attached to X1 and X2.
Note 8:
After this period, the first clock pulse is generated.
Note 9:
A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIH(MIN) of the SCL signal) to
bridge the undefined region of the falling edge of SCL.
Note 10:
The maximum tHD:DAT need only be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
Note 11:
A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT ≥ to 250ns must then be met. This is
automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW
period of the SCL signal, it must output the next data bit to the SDA line tR(MAX) + tSU:DAT = 1000 + 250 = 1250ns before the SCL line
is released.
Note 12:
CB—total capacitance of one bus line in pF.
Note 13:
Guaranteed by design. Not production tested.
Note 14:
The parameter tOSF is the time period the oscillator must be stopped for the OSF flag to be set over the voltage range of
0.0V ≤ VCC ≤ VCC(MAX) and 1.3V ≤ VBAT ≤ 3.7V.
Note 15:
This delay applies only if the oscillator is enabled and running. If the oscillator is disabled or stopped, no power-up delay occurs.
Figure 1. Power-Up/Power-Down Timing
OUTPUTS
VCC
VPF(MAX)
VPF(MIN)
INPUTS
HIGH-Z
DON'T CARE
VALID
RECOGNIZED
RECOGNIZED
VALID
tVCCF
tVCCR
tREC


Similar Part No. - DS1338U-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338U-18++ MAXIM-DS1338U-18+ Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
More results

Similar Description - DS1338U-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1308 MAXIM-DS1308_V01 Datasheet
643Kb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
DS1308 MAXIM-DS1308 Datasheet
1Mb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
Rev 0; 5/12
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
MAX6916 MAXIM-MAX6916_05 Datasheet
338Kb / 28P
   SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
logo
NXP Semiconductors
PCF85053A NXP-PCF85053A Datasheet
662Kb / 43P
   Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function
Rev. 1.0 - 31 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com