Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1338Z-18+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1338Z-18+
Description  I2C RTC with 56-Byte NV RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1338Z-18+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1338Z-18+ Datasheet HTML 7Page - Maxim Integrated Products DS1338Z-18+ Datasheet HTML 8Page - Maxim Integrated Products DS1338Z-18+ Datasheet HTML 9Page - Maxim Integrated Products DS1338Z-18+ Datasheet HTML 10Page - Maxim Integrated Products DS1338Z-18+ Datasheet HTML 11Page - Maxim Integrated Products DS1338Z-18+ Datasheet HTML 12Page - Maxim Integrated Products DS1338Z-18+ Datasheet HTML 13Page - Maxim Integrated Products DS1338Z-18+ Datasheet HTML 14Page - Maxim Integrated Products DS1338Z-18+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DS1338 I2C RTC with 56-Byte NV RAM
11 of 16
CONTROL REGISTER (07H)
The control register controls the operation of the SQW/OUT pin and provides oscillator status.
Bit #
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Name
OUT
0
OSF
SQWE
0
0
RS1
RS0
POR
1
0
1
1
0
0
1
1
Bit 7: Output Control (OUT). Controls the output level of the SQW/OUT pin when the square-wave output is
disabled. If SQWE = 0, the logic level on the SQW/OUT pin is 1 if OUT = 1; it is 0 if OUT = 0.
Bit 5: Oscillator Stop Flag (OSF). A logic 1 in this bit indicates that the oscillator has stopped or was stopped for
some time period and can be used to judge the validity of the clock and calendar data. This bit is edge triggered,
and is set to logic 1 when the internal circuitry senses the oscillator has transitioned from a normal run state to a
STOP condition. The following are examples of conditions that may cause the OSF bit to be set:
1) The first time power is applied.
2) The voltage present on VCC and VBAT are insufficient to support oscillation.
3) The CH bit is set to 1, disabling the oscillator.
4) External influences on the crystal (i.e., noise, leakage, etc.).
This bit remains at logic 1 until written to logic 0. This bit can only be written to logic 0. Attempting to write OSF to
logic 1 leaves the value unchanged.
Bit 4: Square-Wave Enable (SQWE). When set to logic 1, this bit enables the oscillator output to operate with
either VCC or VBAT applied. The frequency of the square-wave output depends upon the value of the RS0 and RS1
bits.
Bits 1 and 0: Rate Select (RS1 and RS0). These bits control the frequency of the square-wave output when the
square-wave output has been enabled. The table below lists the square-wave frequencies that can be selected
with the RS bits.
Square-Wave Output
OUT
RS1
RS0
SQW OUTPUT
SQWE
X
0
0
1Hz
1
X
0
1
4.096kHz
1
X
1
0
8.192kHz
1
X
1
1
32.768kHz
1
0
X
X
0
0
1
X
X
1
0


Similar Part No. - DS1338Z-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338Z-18++ MAXIM-DS1338Z-18+ Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
More results

Similar Description - DS1338Z-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1308 MAXIM-DS1308_V01 Datasheet
643Kb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
DS1308 MAXIM-DS1308 Datasheet
1Mb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
Rev 0; 5/12
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
MAX6916 MAXIM-MAX6916_05 Datasheet
338Kb / 28P
   SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
logo
NXP Semiconductors
PCF85053A NXP-PCF85053A Datasheet
662Kb / 43P
   Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function
Rev. 1.0 - 31 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com