Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1088CX-133+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1088CX-133+T
Description  Fixed-Frequency EconoOscillator™
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1088CX-133+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1088CX-133+T Datasheet HTML 1Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 2Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 3Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 4Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 5Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 6Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 7Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
����������������������������������������������������������������� Maxim Integrated Products 5
DS1088C
Fixed-Frequency EconoOscillator™
Pin/Bump Descriptions
Pin/Bump Configurations
PIN/BUMP
NAME
FUNCTION
TDFN-EP
WLP
1
A1
OUT
Oscillator Output
2, 3
B1
VCC
Power Supply
4, 5
A2
GND
Ground
6
B2
PDN
Active-Low Power-Down. When the pin is high, the oscillator is enabled. When
the pin is low, the oscillator is disabled (power-down mode).
7, 8
DNC
Do Not Connect. The DNC pins are internally connected to ground.
EP
Exposed Pad (TDFN Only). Internally connected to GND. Connect to the ground
plane to minimize noise injection. Not intended for use as the device electrical
ground.
13
4
+
86
5
DNC
PDN GND
EP
2
7
DNC
OUT
VCC GND
VCC
TDFN
(3mm x 3mm)
TOP VIEW
A
B
12
OUT
GND
VCC
PDN
+
TOP VIEW
WLP
DS1088C
DS1088C


Similar Part No. - DS1088CX-133+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088CX-133+T MAXIM-DS1088CX-133+T Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
More results

Similar Description - DS1088CX-133+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Z-Communications, Inc
SFS6900A-LF ZCOMM-SFS6900A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS0832C-LF ZCOMM-SFS0832C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
SFS1262A-LF ZCOMM-SFS1262A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS0792C-LF ZCOMM-SFS0792C-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
logo
SYNERGY MICROWAVE CORPO...
FCPL840-10 SYNERGY-FCPL840-10 Datasheet
342Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
logo
Z-Communications, Inc
SFS1200C-LF ZCOMM-SFS1200C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
SFS2476A-LF ZCOMM-SFS2476A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS5280A-LF ZCOMM-SFS5280A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS6400A-LF ZCOMM-SFS6400A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com