Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1088CX-133+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1088CX-133+T
Description  Fixed-Frequency EconoOscillator™
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1088CX-133+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1088CX-133+T Datasheet HTML 1Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 2Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 3Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 4Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 5Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 6Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 7Page - Maxim Integrated Products DS1088CX-133+T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
DS1088C
Fixed-Frequency EconoOscillator™
(Voltages relative to ground.)
Voltage Range on VCC.........................................-0.5V to +6.0V
Voltage Range on PDN ........................... -0.5V to (VCC + 0.5V)*
Operating Temperature Range.......................... -20°C to +85°C
Storage Temperature Range............................ -55°C to +125°C
Lead Temperature (TDFN only; soldering, 10s) .............+300°C
Soldering Temperature (reflow) ......................................+260°C
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
(TA = -20NC to +85NC, unless otherwise noted.)
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 3.6V, TA = -20NC to +85NC, unless otherwise noted.)
OSCILLATOR CHARACTERISTICS—TDFN
(VCC = 2.7V to 3.6V, TA = -20NC to +85NC, unless otherwise noted.)
*Not to exceed +6.0V.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.7
3.6
V
High-Level Input Voltage (PDN)
VIH
0.7 x VCC
VCC + 0.3
V
Low-Level Input Voltage (PDN)
VIL
-0.3
0.3 x VCC
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
High-Level Output Voltage (OUT)
VOH
IOH = -4mA, VCC = MIN
VCC -
0.4
V
Low-Level Output Voltage (OUT)
VOL
IOL = 4mA
0.4
V
High-Level Input Current (PDN)
IIH
VCC = 3.6V
1
F
A
Low-Level Input Current (PDN)
IIL
VIL = 0V
-1
F
A
Supply Current (Active)
ICC
VCC = 3.6V, CL = 15pF, fO = 133MHz
15
24
mA
Standby Current (Power-Down)
ICCQ
Power-down mode
10
F
A
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency Range
Available
fO
133.3
MHz
Output Frequency Tolerance
VCC = 3.3V, TA = +25NC (Note 2)
-0.3
+0.3
%
Voltage Frequency Variation
Over voltage range, TA = +25NC (Note 3)
-0.35
+0.35
%
Temperature Frequency Variation
Over temperature
range, VCC = 3.3V
(Notes 4, 5)
-20NC to +25NC
-0.7
+0.7
%
+25NC to +85NC
-0.5
+0.5
Frequency Variation Over Voltage
and Temperature
Over voltage and temperature range
-1.0
+1.0
%
O
O
f
f
V
O
f
f
T
O
f
f
V,T
O
f
f


Similar Part No. - DS1088CX-133+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088CX-133+T MAXIM-DS1088CX-133+T Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
More results

Similar Description - DS1088CX-133+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Z-Communications, Inc
SFS6900A-LF ZCOMM-SFS6900A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS0832C-LF ZCOMM-SFS0832C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
SFS1262A-LF ZCOMM-SFS1262A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS0792C-LF ZCOMM-SFS0792C-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
logo
SYNERGY MICROWAVE CORPO...
FCPL840-10 SYNERGY-FCPL840-10 Datasheet
342Kb / 2P
   FIXED FREQUENCY SYNTHESIZER
logo
Z-Communications, Inc
SFS1200C-LF ZCOMM-SFS1200C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
SFS2476A-LF ZCOMM-SFS2476A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS5280A-LF ZCOMM-SFS5280A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
SFS6400A-LF ZCOMM-SFS6400A-LF Datasheet
77Kb / 2P
   Fixed Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com