Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1086U Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1086U
Description  Spread-Spectrum EconOscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1086U Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1086U Datasheet HTML 5Page - Maxim Integrated Products DS1086U Datasheet HTML 6Page - Maxim Integrated Products DS1086U Datasheet HTML 7Page - Maxim Integrated Products DS1086U Datasheet HTML 8Page - Maxim Integrated Products DS1086U Datasheet HTML 9Page - Maxim Integrated Products DS1086U Datasheet HTML 10Page - Maxim Integrated Products DS1086U Datasheet HTML 11Page - Maxim Integrated Products DS1086U Datasheet HTML 12Page - Maxim Integrated Products DS1086U Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Spread-Spectrum EconOscillator
_______________________________________________________________________________________
9
The output frequency is determined by the following
equation:
where:
min frequency of selected OFFSET range is the
lowest frequency (shown in Table 2 for the correspond-
ing offset).
DAC value is the value of the DAC register (0 to 1023).
Prescaler is the value of 2x where x = 0 to 8.
See the
Example Frequency Calculations section for a
more in-depth look at using the registers.
________________Register Definitions
The DS1086 registers are used to determine the output
frequency and dither amount. A summary of the regis-
ters is shown in Table 1. Using the default register set-
tings below, the default output frequency is 97.1MHz.
See the
Example Frequency Calculations section for an
example on how to determine the register settings for a
desired output frequency.
PRESCALER Register
The PRESCALER register controls the prescaler (bits P3
to P0) and dither (bit J0). The prescaler divides the mas-
ter oscillator frequency by 2x where x can be from 0 to 8.
Any prescaler value entered that is greater than 8
decodes as 8. The dither applied to the output is con-
trolled with bit J0. When J0 is high, 2% peak dither is
selected. When J0 is low, 4% peak dither is selected.
DAC HIGH/DAC LOW Register
The 2-byte DAC register sets the frequency of the master
oscillator to a particular value within the current offset
range. Each step of the DAC changes the master oscilla-
tor frequency by 10kHz. The first byte is the MSB (DAC
HIGH) and the second byte is the LSB (DAC LOW).
OFFSET Register
The OFFSET register determines the range of frequencies
that can be obtained for a given DAC setting. The factory
default offset is copied into the RANGE register so the
user can access the default offset after making changes
to the OFFSET register. See Table 2 for OFFSET ranges.
Correct operation of the device is not guaranteed out-
side the range 66MHz to 133MHz.
fOUTPUT
MIN FREQUENCY OF SELECTED OFFSET RANGE
DAC VALUE
kHz STEP SIZE
PRESCALER
(
)
(
)
=
+× 10
SDA
SCL
2-WIRE
INTERFACE
VCC
DAC
OFFSET
EEPROM CONTROL
REGISTERS
PRESCALER
ADDR
RANGE
SPRD
PDN
OUT
OE
DAC
TRIANGLE WAVE
GENERATOR
VOLTAGE-CONTROLLED
OSCILLATOR
PRESCALER
BY 1, 2, 4...256
GND
MASTER
OSCILLATOR
OUTPUT
DITHER SIGNAL
DITHER
CONTROL
FREQUENCY
CONTROL VOLTAGE
DS1086
Figure 3. DS1086 Block Diagram
(1)


Similar Part No. - DS1086U

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1086U DALLAS-DS1086U Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
More results

Similar Description - DS1086U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com