Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1086_1203 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1086_1203
Description  Spread-Spectrum EconOscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1086_1203 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1086_1203 Datasheet HTML 6Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 7Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 8Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 9Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 10Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 11Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 12Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 13Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Spread-Spectrum EconOscillator
10
______________________________________________________________________________________
ADDR Register
The A0, A1, A2 bits determine the 2-wire slave address.
The WC bit determines if the EEPROM is to be written
to after register contents have been changed. If
WC = 0 (default), EEPROM is written automatically after
a WRITE EE command. If WC = 1, the EEPROM is only
written when the WRITE EE command is issued. In
applications where the register contents are frequently
written, the WC bit should be set to 1. Otherwise, it is
necessary to wait for an EEPROM write cycle to com-
plete between writing to the registers. This also pre-
vents wearing out the EEPROM. Regardless of the
value of the WC bit, the value of the ADDR register is
always written immediately to EEPROM. When the
WRITE EE command has been received, the contents
of the registers are written into the EEPROM, thus lock-
ing in the register settings.
RANGE Register
This read-only register contains a copy of the factory-
set offset (OS). This value can be read to determine the
default value of the OFFSET register when program-
ming a new master oscillator frequency.
WRITE EE Command
This command is used to write data from RAM to
EEPROM when the WC bit in ADDR register is 1. See
the
ADDR Register section for more details.
Example Frequency Calculations
Example #1:
Calculate the register values needed to
generate a desired output frequency of 11.0592MHz.
Since the desired frequency is not within the valid mas-
ter oscillator range of 66MHz to 133MHz, the prescaler
must be used. Valid prescaler values are 2x where x
equals 0 to 8 (and x is the value that is programmed
into the P3 to P0 bits of the PRESCALER register).
Equation 1 shows the relationship between the desired
frequency, the master oscillator frequency, and the
prescaler.
By trial and error, x is incremented from 0 to 8 in
Equation 2, finding values of x that yield master oscilla-
tor frequencies within the range of 66MHz to 133MHz.
Equation 2 shows that a prescaler of 8 (x = 3) and a
master oscillator frequency of 88.4736MHz generates
our desired frequency. In terms of the device register, x
= 3 is programmed in the lower four bits of the
PRESCALER register. Writing 03h to the PRESCALER
register sets the PRESCALER to 8 (and 4% peak
dither). Be aware that the J0 bit also resides in the
PRESCALER register.
fMASTER OSCILLATOR = fDESIRED x prescaler = fDESIRED x 2X
fMASTER OSCILLATOR = 11.0592MHz x 23 = 88.4736MHz
Once the target master oscillator frequency has been
calculated, the value of offset can be determined.
Using Table 2, 88.4736MHz falls within both OS - 1 and
OS - 2. However, choosing OS - 1 would be a poor
choice since 88.4736MHz is so close to OS - 1’s mini-
mum frequency. On the other hand, OS - 2 is ideal
since 88.4736MHz is very close to the center of
OS - 2’s frequency span. Before the OFFSET register
can be programmed, the default value of offset (OS)
f
f
prescaler
f
DESIRED
MASTER OSCILLATOR
MASTER OSCILLATOR
X
=
=
2
(2)
(3)
STOP
CONDITION
OR REPEATED
START
CONDITION
REPEATED IF MORE BYTES
ARE TRANSFERRED
ACK
START
CONDITION
ACK
ACKNOWLEDGEMENT
SIGNAL FROM RECEIVER
ACKNOWLEDGEMENT
SIGNAL FROM RECEIVER
SLAVE ADDRESS
MSB
SCL
SDA
R/W
DIRECTION
BIT
12
6
7
8
9
12
8
9
3–7
Figure 4. 2-Wire Data Transfer Protocol


Similar Part No. - DS1086_1203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086LPMB1 MAXIM-DS1086LPMB1 Datasheet
1Mb / 8P
   DS1086LPMB1 Peripheral Module
Rev 0; 5/12
DS1086LU MAXIM-DS1086LU Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086LU MAXIM-DS1086LU Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1086LU MAXIM-DS1086LU Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
More results

Similar Description - DS1086_1203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com