Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1086_1203 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1086_1203
Description  Spread-Spectrum EconOscillator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1086_1203 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1086_1203 Datasheet HTML 4Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 5Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 6Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 7Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 8Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 9Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 10Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 11Page - Maxim Integrated Products DS1086_1203 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Spread-Spectrum EconOscillator
8
_______________________________________________________________________________________
Detailed Description
A block diagram of the DS1086 is shown in Figure 3.
The internal master oscillator generates a square wave
with a 66MHz to 133MHz frequency range. The fre-
quency of the master oscillator can be programmed
with the DAC register over a two-to-one range in 10kHz
steps. The master oscillator range is larger than the
range possible with the DAC step size, so the OFFSET
register is used to select a smaller range of frequencies
over which the DAC spans. The prescaler can then be
set to divide the master oscillator frequency by 2x
(where x equals 0 to 8) before routing the signal to the
output (OUT) pin.
A programmable triangle-wave generator injects an off-
set element into the master oscillator to dither its output
2% or 4%. The dither is controlled by the J0 bit in the
PRESCALER register and enabled with the SPRD pin.
The maximum spectral attenuation occurs when the
prescaler is set to 1. The spectral attenuation is
reduced by 2.7dB for every factor of 2 that is used in
the prescaler. This happens because the prescaler’s
divider function tends to average the dither in creating
the lower frequency. However, the most stringent spec-
tral emission limits are imposed on the higher frequen-
cies where the prescaler is set to a low divider ratio.
The external control input, OE, gates the clock output
buffer. The PDN pin disables the master oscillator and
turns off the clock output for power-sensitive applica-
tions*. On power-up, the clock output is disabled until
power is stable and the master oscillator has generated
512 clock cycles. Both controls feature a synchronous
enable that ensures there are no output glitches when
the output is enabled, and a constant time interval (for a
given frequency setting) from an enable signal to the
first output transition.
The control registers are programmed through a 2-wire
interface and are used to determine the output frequen-
cy and settings. Once programmed into EEPROM,
since the register settings are NV, the settings only
need to be reprogrammed if it is desired to reconfigure
the device.
OFFSET
FREQUENCY RANGE (MHz)
OS - 6
61.44 to 71.67
OS - 5
66.56 to 76.79
OS - 4
71.68 to 81.91
OS - 3
76.80 to 87.03
OS - 2
81.92 to 92.15
OS - 1
87.04 to 97.27
OS*
92.16 to 102.39
OS + 1
97.28 to 107.51
OS + 2
102.40 to 112.63
OS + 3
107.52 to 117.75
OS + 4
112.64 to 122.87
OS + 5
117.76 to 127.99
OS + 6
122.88 to 133.11
*
Factory default setting. OS is the integer value of the 5 LSBs
of the RANGE register.
REGISTER
ADDR
MSB
BINARY
LSB
FACTORY
DEFAULT
ACCESS
PRESCALER
02h
X1
X1
XX
J0
P3
P2
P1
P0
11100000b
R/W
DAC HIGH
08h
b9
b8
b7
b6
b5
b4
b3
b2
01111101b
R/W
DAC LOW
09h
b1
b0
X0
X0
X0
X0
X0
X0
00000000b
R/W
OFFSET
0Eh
X1
X1
X1
b4
b3
b2
b1
b0
1 1 1 - - - - - b
R/W
ADDR
0Dh
X1
X1
X1
X1
WC
A2
A1
A0
11110000b
R/W
RANGE
37h
XX
XX
XX
b4
b3
b2
b1
b0
xxx- - - - - b
R
WRITE EE
3Fh
NO DATA
——
Table 1. Register Summary
X0 = Don’t care, reads as zero.
X1 = Don’t care, reads as one.
XX = Don’t care, reads indeterminate.
X = Don’t care.
Table 2. Offset Settings
*
The power-down command must persist for at least two out-
put frequency cycles plus 10µs for deglitching purposes.


Similar Part No. - DS1086_1203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086LPMB1 MAXIM-DS1086LPMB1 Datasheet
1Mb / 8P
   DS1086LPMB1 Peripheral Module
Rev 0; 5/12
DS1086LU MAXIM-DS1086LU Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086LU MAXIM-DS1086LU Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1086LU MAXIM-DS1086LU Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
More results

Similar Description - DS1086_1203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
   Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com