Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3164805AJ-60 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # HYB3164805AJ-60
Description  8M x 8-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3164805AJ-60 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  HYB3164805AJ-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3164805AJ-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3164805AJ-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3164805AJ-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3164805AJ-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3164805AJ-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3164805AJ-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3164805AJ-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3164805AJ-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Semiconductor Group
1
6.97
8 388 608 words by 8-bit organization
0 to 70 °C operating temperature
Hyper Page Mode - EDO - operation
Performance:
Single + 3.3 V (
± 0.3V) power supply
Low power dissipation:
max. 450 active mW ( HYB 3164805AJ/AT(L)-40)
max. 360 active mW ( HYB 3164805AJ/AT(L)-50)
max. 324 active mW ( HYB 3164805AJ/AT(L)-60)
max. 612 active mW ( HYB 3165805AJ/AT(L)-40)
max. 468 active mW ( HYB 3165805AJ/AT(L)-50)
max. 432 active mW ( HYB 3165805AJ/AT(L)-60)
7.2
mW standby (LVTTL)
3.24 mW standby (LVMOS)
720
µA standby for L-version
Read, write, read-modify-write, CAS-before-RAS refresh (CBR),
RAS-only refresh, hidden refresh
Self refresh (L-version only)
8192 refresh cycles/128 ms , 13 R/ 10C addresses (HYB 3164805AJ/AT)
4096 refresh cycles/ 64 ms , 12 R/ 11C addresses (HYB 3165805AJ/AT)
256 msec refresh period for L-versions
Plastic Package:
P-SOJ-32-1
400 mil
HYB 3164(5)805AJ
P-TSOPII-32-1 400 mil
HYB 3164(5)805AT(L)
-40
-50
-60
tRAC
RAS access time
40
50
60
ns
tCAC
CAS access time
10
13
15
ns
tAA
Access time from address
20
25
30
ns
tRC
Read/write cycle time
69
84
104
ns
tHPC
Hyper page mode (EDO)
cycle time
16
20
25
ns
HYB 3164805AJ/AT(L) -40/-50/-60
HYB 3165805AJ/AT(L) -40/-50/-60
8M x 8-Bit Dynamic RAM
(4k & 8k Refresh, EDO-Version)
Advanced Information


Similar Part No. - HYB3164805AJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ-40 SIEMENS-HYB3164805BJ-40 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ-50 SIEMENS-HYB3164805BJ-50 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ-60 SIEMENS-HYB3164805BJ-60 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805BT-40 SIEMENS-HYB3164805BT-40 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
More results

Similar Description - HYB3164805AJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805J SIEMENS-HYB3164805J Datasheet
477Kb / 32P
   8M x 8-Bit Dynamic RAM
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com