Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 64 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 64 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 60Page - Maxim Integrated Products 71M6534 Datasheet HTML 61Page - Maxim Integrated Products 71M6534 Datasheet HTML 62Page - Maxim Integrated Products 71M6534 Datasheet HTML 63Page - Maxim Integrated Products 71M6534 Datasheet HTML 64Page - Maxim Integrated Products 71M6534 Datasheet HTML 65Page - Maxim Integrated Products 71M6534 Datasheet HTML 66Page - Maxim Integrated Products 71M6534 Datasheet HTML 67Page - Maxim Integrated Products 71M6534 Datasheet HTML 68Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
64
Rev 2
Figure 27: Functional Blocks in SLEEP Mode
(Inactive blocks in the figure are grayed out.)
∆Σ ADC
CONVERTER
VREF
MUX
XIN
XOUT
VREF
DIO1/OPT_RX
RESET
V1
UART2/OPTICAL
UART1
TX
RX
4
COM3..0
LCD DISPLAY
DRIVER
DIGITAL I /O
RTCLK (32KHz)
POWER FAULT
GNDD V3P3A
V3P3D
VBAT
VOLT
REG
2.5V to logic
V2P5
TMUXOUT
FAULTZ
TMUX[4:0]
GNDA
VBIAS
OSC
(32 kHz)
MCK
PLL
VREF
TEST
TEST
MODE
DIO_DIR
DIO_R
DIO
E_RXTX
RTC
RST_SUBSEC
QREG,PREG
RTC_DAY
RTC_HR
RTC_MIN
RTC_SEC
VBIAS
ICE_E
PLS_INV
PLS_INTERVAL
PLS_MAXWIDTH
CE_LCTN
EQU
PRE_SAMPS
SUM_CYCLES
RTM_0...3
RTM_E
CE_E
OPT_RXDIS
OPT_RXINV
OPT_TXE
OPT_TXINV
OPT_TXMOD
OPT_FDC
LCD_ONLY
SLEEP
V3P3SYS
TEST
MUX
CE_PROG
CK_CE
CK_MPU
VADC
CE
MULTI-
PURPOSE
I/O
RTM
RPULSE
WPULSE
COM0..3
Segments
24
DIO_1..24
to TMUX
SPI SLAVE
PCMD
EEPROM I /F
FLASH
128 KB/
256 KB
XRAM
4 KB
CE_DATA
PCSZ
PCLK
PSDI
PSDO
SDATA
SCLK
EEDATA
EECTRL
OPT_TX
OPT_RX
PB
PB
IRAM
256B
MPU
EMULATOR
E_TCLK
E_RSTZ
DIO2/OPT_TX
DIO3
SEG7/MUX_SYNC
SEG8
SEG9/E_RXTX
SEG10/E_TCLK
SEG11/E_RST
SEG12 ...SEG18
SEG19/CKTEST
DIO29/SEG49...DIO30/SEG50
DIO4/SEG24/SDCK
DIO5/SEG25/SDATA
DIO6/SEG26/WPULSE
DIO7/SEG27/RPULSE
DIO10/SEG30...DIO11/SEG31
DIO41/SEG61
R
P
U
LS
E
W
P
U
LS
E
4
XRAM BUS
8
IRAM BUS
8
16
32
22
CKTEST
DIO_PV
DIO_PW
CKOUT_E
SPE
DIO_EEX
OPT_TXE
ICE_E
SEG0...SEG2
SEG3/PCLK
SEG4/PSDO
SEG5/PCSZ
SEG6/PSDI
FIR
DIO23/SEG43...DIO27/SEG47
DIO13/SEG33...DIO21/SEG41
XPULSE
YPULSE
X
P
U
LS
E
Y
P
U
LS
E
DIO_PX
DIO_PY
DIO8/SEG28/XPULSE
DIO9/SEG29/YPULSE
SEG20...SEG23
DIO56...DIO58
7
3
4
2
5
3
ICE_E
GP0-GP7
NV RAM
2.5V_NV
2.5V_NV
2.5V_NV
2.5V_NV
RTCA_ADJ
RTC_DATE
RTC_MO
RTC_YR
LCD_DAC
LCD_MODE
LCD_CLK
LCD_E
LCD_BLKMAP
LCD_SEG
LCD_Y
MPU_DIV
CKOUT_E
IBP
VB
ICP
VC
IAP
VA
IAN
IBN
ICN
IDP
IDN
DIO43/SEG63...DIO45/SEG65
DIO47/SEG67...DIO51/SEG71
4
3
9
8
5/24/2010
+
-
V2_OK*
+
-
V3_OK*
VBIAS *
V3*
V2*
* 71M6534only
DIO12/SEG32*
DIO22/SEG42*
DIO28/SEG48*
2
DIO36/SEG56*...DIO39/SEG59*
DIO42/SEG62*
DIO46/SEG66*
5
DIO52/SEG72*...DIO55/SEG75*
4
TEMP
VBAT


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz