Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 2Page - Maxim Integrated Products 71M6534 Datasheet HTML 3Page - Maxim Integrated Products 71M6534 Datasheet HTML 4Page - Maxim Integrated Products 71M6534 Datasheet HTML 5Page - Maxim Integrated Products 71M6534 Datasheet HTML 6Page - Maxim Integrated Products 71M6534 Datasheet HTML 7Page - Maxim Integrated Products 71M6534 Datasheet HTML 8Page - Maxim Integrated Products 71M6534 Datasheet HTML 9Page - Maxim Integrated Products 71M6534 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
6
Rev 2
Tables
Table 1: Signals Selected for the ADC with SLOTn_SEL and SLOTn_ALTSEL (MUX_DIV[3:0] = 7)........... 11
Table 2: ADC Resolution .......................................................................................................................11
Table 3: ADC RAM Locations ................................................................................................................12
Table 4: XRAM Locations for ADC Results ............................................................................................15
Table 5: Inputs Selected in Regular and Alternate Multiplexer Cycles..................................................... 15
Table 6: CKMPU Clock Frequencies......................................................................................................19
Table 7: Memory Map............................................................................................................................20
Table 9: Special Function Register Map.................................................................................................21
Table 10: Generic 80515 SFRs - Location and Reset Values .................................................................22
Table 11: PSW Bit Functions (SFR 0xD0)...............................................................................................23
Table 12: Port Registers ........................................................................................................................24
Table 13: Stretch Memory Cycle Width..................................................................................................25
Table 14: 71M6533/71M6534 Specific SFRs .........................................................................................25
Table 16: UART Modes .........................................................................................................................27
Table 18: The S1CON (UART1) Register (SFR 0x9B).............................................................................28
Table 19: PCON Register Bit Description (SFR 0x87).............................................................................28
Table 20: Timers/Counters Mode Description ........................................................................................29
Table 21: Allowed Timer/Counter Mode Combinations...........................................................................29
Table 22: TMOD Register Bit Description (SFR 0x89) ............................................................................29
Table 23: The TCON Register Bit Functions (SFR 0x88) ........................................................................30
Table 24: The IEN0 Bit Functions (SFR 0xA8)........................................................................................31
Table 25: The IEN1 Bit Functions (SFR 0xB8) .......................................................................................31
Table 26: The IEN2 Bit Functions (SFR 0x9A)........................................................................................31
Table 27: TCON Bit Functions (SFR 0x88) .............................................................................................32
Table 28: The T2CON Bit Functions (SFR 0xC8)...................................................................................32
Table 29: The IRCON Bit Functions (SFR 0xC0) ....................................................................................32
Table 30: External MPU Interrupts.........................................................................................................33
Table 31: Interrupt Enable and Flag Bits ................................................................................................33
Table 32: Interrupt Priority Level Groups................................................................................................34
Table 33: Interrupt Priority Levels ..........................................................................................................34
Table 35: Interrupt Polling Sequence .....................................................................................................35
Table 36: Interrupt Vectors ....................................................................................................................35
Table 37: Clock System Summary.........................................................................................................37
Table 38: Bank Switching with FL_BANK[2:0] ........................................................................................41
Table 39: Data/Direction Registers and Internal Resources for DIO 1-15................................................43
Table 40: Data/Direction Registers and Internal Resources for DIO 16-30.............................................. 43
Table 41: Data/Direction Registers and Internal Resources for DIO 36-47.............................................. 44
Table 45: EECTRL Bits for the 3-wire Interface.......................................................................................48
Table 46: SPI Registers.........................................................................................................................50
Table 47: SPI Command Description .....................................................................................................51
Table 49: TMUX[4:0] Selections ............................................................................................................54
Table 50: Available Circuit Functions .....................................................................................................58
Table 51: VREF Definition for the Regular Accuracy Parts .....................................................................70
Table 52: VREF Definition for the High-Accuracy Parts..........................................................................70
Table 53: I/O RAM Map – Functional Order ...........................................................................................79
Table 54: I/O RAM Description – Alphabetical (by Bit Name) .................................................................83
Table 55: CE EQU[2:0] Equations and Element Input Mapping..............................................................97
Table 56: CE Raw Data Access Locations .............................................................................................97
Table 57: CESTATUS (CE RAM 0x80) Bit Definitions ..............................................................................98
Table 59: Sag Threshold and Gain Adjust Control................................................................................100
Table 60: CE Transfer Variables..........................................................................................................100
Table 61: CE Energy Measurement Variables......................................................................................101
Table 62: Other Transfer Variables ......................................................................................................102
Table 63: CE Temperature Registers...................................................................................................102
Table 65: CE Parameters for Noise Suppression and Code Version.....................................................104
Table 66: CE Calibration Parameters...................................................................................................104
Table 67: Absolute Maximum Ratings..................................................................................................107


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz