Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 59 Page - Maxim Integrated Products

Part # 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 59 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 55Page - Maxim Integrated Products 71M6534 Datasheet HTML 56Page - Maxim Integrated Products 71M6534 Datasheet HTML 57Page - Maxim Integrated Products 71M6534 Datasheet HTML 58Page - Maxim Integrated Products 71M6534 Datasheet HTML 59Page - Maxim Integrated Products 71M6534 Datasheet HTML 60Page - Maxim Integrated Products 71M6534 Datasheet HTML 61Page - Maxim Integrated Products 71M6534 Datasheet HTML 62Page - Maxim Integrated Products 71M6534 Datasheet HTML 63Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
59
2.3.1 BROWNOUT Mode
In BROWNOUT mode, most non-metering digital functions are active (as shown in Table 50) including
ICE, UART, EEPROM, LCD and RTC. In BROWNOUT mode, a low-bias current regulator will provide
2.5 Volts to V2P5 and V2P5NV. The regulator has an output called BAT_OK to indicate that it has sufficient
overhead. When BAT_OK = 0, the part will enter SLEEP mode. From BROWNOUT mode, the processor
can voluntarily enter LCD or SLEEP modes. When system power is restored, the part will automatically
transition from any of the battery modes to MISSION mode, once the PLL has settled.
The MPU will run at 7/8 of the crystal clock rate in BROWNOUT mode. This permits the UARTs to be
operated at 300 bd. In this mode, the MPU clock has substantial short-term jitter.
The value of MPU_DIV[2:0] will be remembered (not changed) as the part enters and exits BROWNOUT.
MPU_DIV[2:0] will be ignored during BROWNOUT.
While PLL_OK = 0, the I/O RAM bits ADC_E and CE_E are held in the zero state disabling both the ADC and
the CE. When PLL_OK falls, the CE program counter is cleared immediately and all FIR processing halts.
Figure 25 shows the functional blocks active in BROWNOUT mode.
2.3.2 LCD Mode
In LCD mode, the data contained in the LCD_SEGn[3:0] fields is displayed. Up to four LCD segments
connected to the pin SEG18 can be made to blink without the involvement of the MPU, which is disabled
in LCD mode. To minimize power, only segments that might be used should be enabled.
LCD mode can be exited only by system power up, a timeout of the wake-up timer, or a push button.
When the IC exits LCD mode, the MPU can discover the event that caused the exit by reading the interrupt
flags and interpret them as follows:
IE_WAKE = 1 indicates that the wake timer has expired.
IE_PB =1 indicates that the pushbutton input (PB) was activated.
COMPSTAT = 0 indicates that a reset occurred but that main power is not yet available.
If none of the above conditions applies, system power (V3P3SYS) must have been restored
After the transition from LCD mode to MISSION or BROWNOUT mode, the PC will be at 0x0000, the
XRAM is in an undefined state, and the I/O RAM is only partially preserved (see the description of I/O
RAM states in Section 5.2). GP0[7:0] through GP7[7:0] are preserved unless a hardware reset occurs
(RESET pin is pulled high or power to the part is cycled without a battery being present). Figure 26
shows the functional blocks active in LCD mode.
2.3.3 SLEEP Mode
In SLEEP mode, the battery current is minimized and only the Oscillator and RTC functions are active.
This mode can be exited only by system power-up, a timeout of the wake-up timer, or a push button event.
When the IC exits SLEEP mode, the MPU can discover the event that caused the exit by reading the
interrupt flags and interpret them as follows:
IE_WAKE = 1 indicates that the wake timer has expired.
IE_PB =1 indicates that the pushbutton input (PB) was activated.
COMPSTAT = 0 indicates that a reset occurred but that main power is not yet available.
If none of the above conditions applies, system power (V3P3SYS) must have been restored
After the transition from SLEEP mode to MISSION or BROWNOUT mode the PC will be at 0x0000, the
XRAM is in an undefined state, and the I/O RAM is only partially preserved (see the description of I/O
RAM states in Section 5.2). GP0[7:0] through GP7[7:0] are preserved unless the a hardware reset occurs
(RESET pin is pulled high or power to the part is cycled without a battery being present). Figure 27
shows the functional blocks active in SLEEP mode.


Similar Part No. - 71M6534

ManufacturerPart #DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart #DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com