Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 56 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 56 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 52Page - Maxim Integrated Products 71M6534 Datasheet HTML 53Page - Maxim Integrated Products 71M6534 Datasheet HTML 54Page - Maxim Integrated Products 71M6534 Datasheet HTML 55Page - Maxim Integrated Products 71M6534 Datasheet HTML 56Page - Maxim Integrated Products 71M6534 Datasheet HTML 57Page - Maxim Integrated Products 71M6534 Datasheet HTML 58Page - Maxim Integrated Products 71M6534 Datasheet HTML 59Page - Maxim Integrated Products 71M6534 Datasheet HTML 60Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
56
Rev 2
2.2 System Timing Summary
Figure 19 summarizes the timing relationships between the input MUX states, the CE_BUSY signal and
the two serial output streams. In this example, MUX_DIV[3:0] = 6 and FIR_LEN[1:0] = 1. The duration of
each MUX frame is (M40MHZ/M26MHZ = 00, 10, or 11 assumed):
1 + MUX_DIV[3:0] * 1, if FIR_LEN[1:0] = 0 (138 CE cycles), complete MUX frame = 7 CK32 cycles
1 + MUX_DIV[3:0] * 2, if FIR_LEN[1:0] = 1 (288 CE cycles) , complete MUX frame = 13 CK32 cycles
1 + MUX_DIV[3:0] * 3, if FIR_LEN[1:0] = 2 (384 CE cycles) , complete MUX frame = 19 CK32 cycles
An ADC conversion will always consume an integer number of CK32 clocks. Following this is a single
CK32 cycle where the bandgap voltage is allowed to recover from the change in CROSS.
Figure 19: Timing Relationship between ADC MUX and Compute Engine
Each CE program pass begins when the ADC0 conversion (slot 0, as defined by SLOT0_SEL) begins.
Depending on the length of the CE program, it may continue running until the end of the last conversion.
CE opcodes are constructed to ensure that all CE code passes consume exactly the same number of
cycles. The result of each ADC conversion is inserted into the XRAM when the conversion is complete.
The CE code is written to tolerate sudden changes in ADC data. The exact clock count when each ADC
value is loaded into RAM is shown in Figure 19.
Figure 20 shows that the serial data stream, RTM, begins transmitting at the beginning of state S. RTM,
consisting of 140 CK cycles, will always finish before the next code pass starts.
FLAG
RTM DATA 0 (32 bits)
0
1
0
1
0
1
0
1
FLAG
FLAG
FLAG
CK32
MUX_SYNC
CKTEST
TMUXOUT/RTM
30 31
30 31
30 31
30 31
RTM DATA 1 (32 bits)
RTM DATA 2 (32 bits)
RTM DATA 3 (32 bits)
Figure 20: RTM Output Format
CK32
MUX_DIV Conversions (MUX_DIV=6 is shown)
Settle
ADC MUX Frame
ADC EXECUTION
MUX_SYNC
CE_EXECUTION
RTM
140
MAX CK COUNT
0
300
150
600
900
1200
1500
1800
ADC0
ADC1
ADC2
ADC3
ADC4
ADC5
CK COUNT = CE_CYCLES + floor((CE_CYCLES + 2) / 4)
NOTES:
1. ALL DIMENSIONS ARE 4.9152 MHz CK COUNTS.
2. XFER_BUSY OCCURS ONCE EVERY (PRESAMPS * SUM_CYCLES) CODE PASSES.
CE_BUSY
XFER_BUSY
INITIATED BY A CE OPCODE AT END OF SUM INTERVAL
ADC TIMING
CE TIMING
RTM TIMING


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz