Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 50 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 50 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 46Page - Maxim Integrated Products 71M6534 Datasheet HTML 47Page - Maxim Integrated Products 71M6534 Datasheet HTML 48Page - Maxim Integrated Products 71M6534 Datasheet HTML 49Page - Maxim Integrated Products 71M6534 Datasheet HTML 50Page - Maxim Integrated Products 71M6534 Datasheet HTML 51Page - Maxim Integrated Products 71M6534 Datasheet HTML 52Page - Maxim Integrated Products 71M6534 Datasheet HTML 53Page - Maxim Integrated Products 71M6534 Datasheet HTML 54Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
50
Rev 2
1.5.11 SPI Slave Port
The slave SPI port communicates directly with the MPU data bus and is able to read and write Data RAM
locations. It is also able to send commands to the MPU. The interface to the slave port consists of the
PCSZ, PCLK, PSDI and PSDO pins. These pins are multiplexed with the LCD segment driver pins SEG3
to SEG6. The port pins default to LCD driver pins. The port is enabled by setting the SPE bit.
Possible applications for the SPI interface are:
1) An external host reads data from CE locations to obtain metering information. This can be used in
applications where the 71M6533 or 71M6534 function as a smart front-end with preprocessing
capability. Since the addresses are in 16-bit format, any type of XRAM data can be accessed: CE,
MPU, I/O RAM, but not SFRs or the 80515-internal register bank.
2) A communication link can be established via the SPI interface: By writing into MPU memory
locations, the external host can initiate and control processes in the 71M6533/71M6534 MPU.
Writing to a CE or MPU location normally generates an interrupt, a function that can be used to signal
to the MPU that the byte that had just been written by the external host must be read and processed.
Data can also be inserted by the external host without generating an interrupt.
3) An external DSP can access front-end data generated by the ADC. This mode of operation uses the
71M6533 or 71M6534 as an analog front-end (AFE).
A typical SPI transaction is as follows: While PCSZ is high, the port is held in an initialized/reset state.
During this state, PSDO is held in HiZ state and all transitions on PCLK and PSDI are ignored. When
PCSZ falls, the port will begin the transaction on the first rising edge of PCLK. The transaction ends
when PCSZ is raised. At this point, the SPI interrupt is generated. Some transactions may consist of a
command only. The read transaction consists of the following parts:
1. 8-bit command word generated by the host
2. 16-bit address generated by the host
3. 8-bit datum provided by the slave (71M653x)
4. Optionally, more 8-bit data bytes (71M653x)
The write transaction consists of the following parts:
1. 8-bit command word generated by the host
2. 16-bit address generated by the host
3. 8-bit datum provided by the host
4. Optionally, more 8-bit data bytes provided by the host
The optional data bytes are part of an auto-increment mode, where the read or write address is
incremented by 1 after every read or write operation and does not have to be generated by the host. This
operation mode is useful for quickly accessing fields of adjacent data in one long SPI command
sequence.
Table 46 lists I/O RAM registers (bit fields) that are involved in SPI transactions.
Table 46: SPI Registers
Register Name
Description
SP_ADDR[15:8]
SP_ADDR[7:0]
SPI Address. 16-bit address from the bus master. This register does not auto-incre-
ment and reading this register will not reflect the next available address after an auto-
increment command.
SP_CMD
SPI command. 8-bit command from the bus master.
SPE
SPI port enable. Enables the SPI interface.
SPI_FLAG
SPI interrupt flag. The flag is set by the hardware and is cleared by the firmware writ-
ing a 0. Firmware using this interrupt should clear the spurious interrupt indication
during initialization.
In order to allow access from the external host, the SPE bit has to be set. The SP_CMD and
SP_ADDR[15:0] bit fields contain a copy of the command word and address sent by the SPI master.


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz