Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 46 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 42Page - Maxim Integrated Products 71M6534 Datasheet HTML 43Page - Maxim Integrated Products 71M6534 Datasheet HTML 44Page - Maxim Integrated Products 71M6534 Datasheet HTML 45Page - Maxim Integrated Products 71M6534 Datasheet HTML 46Page - Maxim Integrated Products 71M6534 Datasheet HTML 47Page - Maxim Integrated Products 71M6534 Datasheet HTML 48Page - Maxim Integrated Products 71M6534 Datasheet HTML 49Page - Maxim Integrated Products 71M6534 Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
46
Rev 2
Figure 9: Connecting an External Load to DIO Pins
1.5.8 LCD Drivers
The device contains a total of 57 (71M6533) or 75 (71M6534) dedicated and multiplexed LCD drivers,
which are grouped as follows:
15 dedicated LCD segment drivers (SEG0 to SEG2, SEG8, SEG12 to SEG18, SEG20 to SEG23)
4 drivers multiplexed with the SPI port (SEG3 to SEG6)
2 drivers multiplexed with MUX_SYNC and CKTEST (SEG7 and SEG19)
3 or 8 drivers multiplexed with the ICE interface
o 71M6533 – 3 drivers (SEG9 to SEG11)
o 71M6534 – 8 drivers (SEG9 to SEG11 and SEG51 to SEG55)
33 or 46 multi-use LCD/DIO pins described in Section 1.5.7 Digital I/O
o 71M6533 – 33 pins
o 71M6534 – 46 pins
With a minimum of 15 driver pins always available and a total of 57 (71M6533) or 75 (71M6534) driver
pins in the maximum configuration, the device is capable of driving between 60 to 228 pixels (71M6533)
or 60 to 300 pixels (71M6534) of an LCD display with 25% duty cycle. At eight pixels per digit, this
corresponds to 7.5 to 28 digits for the 71M6533 or 7.5 to 37 digits for the 71M6534. The LCD interface is
flexible and can drive 7-segment digits, 14- segments digits or enunciator symbols.
For each multi-use pin, the corresponding LCD_BITMAP[] bit (see Section 1.5.7 Digital I/O) is used to select
the pin for DIO or LCD operation. The mapping of the LCD_BITMAP[] bits is specified in Section 5.1 I/O
RAM and SFR Map –Functional Order. The LCD drivers are supported by the four common pins (COM0
– COM3).
LCD segment data is written to the LCD_SEGn[3:0] I/O RAM registers as described in Section 5.2 I/O
RAM Description – Alphabetical Order. Note that even though the register names call out bit numbers 3
to 0 some registers use physical bits 4 to 7.
The segment driver SEG18 can be configured to blink at either 0.5 Hz or 1 Hz. The blink rate is controlled
by LCD_Y. There can be up to four pixels/segments connected to this driver pin. The I/O RAM field
LCD_BLKMAP18[3:0] identifies which pixels, if any, are to blink.
The LCD bias may be compensated for temperature using the LCD_DAC[2:0] bits in I/O RAM. The bias
may be adjusted from 1.4 V below the 3.3 V supply (V3P3SYS in mission mode and BROWNOUT
V3P3SYS
VBAT
V3P3D
DIO
GNDD
MISSION
BROWNOUT
LCD/SLEEP
LOW
HIGH
HIGH-Z
V3P3SYS
VBAT
V3P3D
DIO
GNDD
MISSION
BROWNOUT
LCD/SLEEP
LOW
HIGH
HIGH-Z
Recommended
Not recommended


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz