Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 44 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 40Page - Maxim Integrated Products 71M6534 Datasheet HTML 41Page - Maxim Integrated Products 71M6534 Datasheet HTML 42Page - Maxim Integrated Products 71M6534 Datasheet HTML 43Page - Maxim Integrated Products 71M6534 Datasheet HTML 44Page - Maxim Integrated Products 71M6534 Datasheet HTML 45Page - Maxim Integrated Products 71M6534 Datasheet HTML 46Page - Maxim Integrated Products 71M6534 Datasheet HTML 47Page - Maxim Integrated Products 71M6534 Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
44
Rev 2
Table 41: Data/Direction Registers and Internal Resources for DIO 36-47
DIO
36* 37* 38* 39* –
41 42* 43 44 45 46* 47
LCD Segment
56* 57* 58* 59* –
61 62* 63 64 65 66* 67
71M6533 Pin #
99
40 31 38
22
71M6534 Pin #
87 88 89 90
– 117 118 46 37 44
5
27
Configuration (DIO
or LCD segment)
0*
1* 2* 3*
5
6*
7
0
1
2*
3
LCD_BITMAP[55:48]
LCD_BITMAP[63:56]
LCD_BITMAP[71:64]
Data Register
Direction Register
0 = input, 1 = output
Table 42: Data/Direction and Internal Resources for DIO 48-58
DIO
48 49 50 51 52* 53* 54* 55* 56 57 58
LCD Segment
68 69 70 71 72* 73* 74* 75* –
71M6533 Pin #
23 24 25 50
14 15 16
71M6534 Pin #
28 29 30 56 57 58 59 60 19 20 21
Configuration (DIO
or LCD segment)
4
5
6
7
0*
1* 2* 3*
Always DIO
LCD_BITMAP[71:64] LCD_BITMAP[80:72]
Data Register
Direction Register
0 = input, 1 = output
See the tables in the I/O RAM Description (Section 5.2) for exact bit locations. For example,
DIO43 is controlled by LCD_SEG63[0] which resolves to I/O RAM location 0x2045[4].
DIO24 and higher do not have SFR registers for direction control. DIO36 and higher do not have SFR
registers for data access. The direction control of these pins is achieved with the LCD_SEGn[3] registers
and data access is controlled with the LCD_SEGn[0] registers in I/O RAM. DIO56 through DIO58 are
dedicated DIO pins. They are controlled with DIO_DIR56[7] through DIO_DIR58[7] (direction) and with
DIO_56[4] through DIO_58[4] (data) in I/O RAM.


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz