Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 38Page - Maxim Integrated Products 71M6534 Datasheet HTML 39Page - Maxim Integrated Products 71M6534 Datasheet HTML 40Page - Maxim Integrated Products 71M6534 Datasheet HTML 41Page - Maxim Integrated Products 71M6534 Datasheet HTML 42Page - Maxim Integrated Products 71M6534 Datasheet HTML 43Page - Maxim Integrated Products 71M6534 Datasheet HTML 44Page - Maxim Integrated Products 71M6534 Datasheet HTML 45Page - Maxim Integrated Products 71M6534 Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
42
Rev 2
1.5.6 Optical Interface
The device includes an interface to implement an IR/optical port. The pin OPT_TX is designed to directly
drive an external LED for transmitting data on an optical link. The pin OPT_RX has the same threshold
as the RX pin, but can also be used to sense the input from an external photo detector used as the receiver
for the optical link. OPT_TX and OPT_RX are connected to a dedicated UART port (UART1).
The OPT_TX and OPT_RX pins can be inverted with configuration bits OPT_TXINV and OPT_RXINV,
respectively. Additionally, the OPT_TX output may be modulated at 38 kHz. Modulation is available
when system power is present (i.e. not in BROWNOUT mode). The OPT_TXMOD bit enables modulation.
The duty cycle is controlled by OPT_FDC[1:0], which can select 50%, 25%, 12.5%, and 6.25% duty cycle. A
6.25% duty cycle means OPT_TX is low for 6.25% of the period. Figure 8 illustrates the OPT_TX generator.
B
A
OPT_TXMOD = 0
OPT_TXMOD = 1,
OPT_FDC = 2 (25%)
B
A
1/38kHz
OPT_TXINV
from
OPT_TX UART
MOD
EN DUTY
OPT_TX
OPT_TXMOD
OPT_FDC
OPT_TXE[1:0]
1
2
V3P3
Internal
A
B
0
2
3
DIO2
WPULSE
VARPULSE
Figure 8: Optical Interface
When not needed for the optical UART, the OPT_TX pin can alternatively be configured as DIO2,
WPULSE, or VARPULSE. The configuration bits are OPT_TXE[1:0]. Likewise, OPT_RX can alternately
be configured as DIO_1. Its control is OPT_RXDIS.
In the 71M6534, a multiplexer allows the selection of alternate pins DIO18/MTX and DIO22/RTX for
UART1. This function is controlled with the UMUX_E and UMUX_SEL bits in I/O RAM.
1.5.7 Digital I/O
The device includes up to 40 pins (71M6533) or 53 pins (71M6534) of general purpose digital I/O. These
pins are compatible with 5 V inputs (no current limiting resistors are needed). The Digital I/O pins can be
categorized as follows:
Dedicated DIO pins (5 pins): DIO3, DIO56, DIO57, DIO58, PB
DIO/LCD segment pins
o A total of 33 pins for the 71M6533:
DIO4/SEG24 - DIO11/SEG31 (8 pins)
DIO13/SEG33 - DIO21/SEG41 (9 pins)
DIO23/SEG43 – DIO27/SEG47 (5 pins)
DIO29/SEG49 - DIO30/SEG50 (2 pins)
DIO41/SEG61 (1 pin)
DIO43/SEG63 - DIO45/SEG65 (3 pins)
DIO47/SEG67 – DIO51/SEG71 (5 pins)
o A total of 46 pins for the 71M6534:
DIO4/SEG24 – DIO30/SEG50 (27 pins)
DIO36/SEG56 – DIO39/SEG59 (4 pins)
DIO41/SEG61 – DIO55/SEG75 (15 pins)
DIO pins combined with other functions (2 pins): DIO2/OPT_TX, DIO1/OPT_RX


Similar Part No. - 71M6534

ManufacturerPart #DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart #DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com