Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 41 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 41 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 37Page - Maxim Integrated Products 71M6534 Datasheet HTML 38Page - Maxim Integrated Products 71M6534 Datasheet HTML 39Page - Maxim Integrated Products 71M6534 Datasheet HTML 40Page - Maxim Integrated Products 71M6534 Datasheet HTML 41Page - Maxim Integrated Products 71M6534 Datasheet HTML 42Page - Maxim Integrated Products 71M6534 Datasheet HTML 43Page - Maxim Integrated Products 71M6534 Datasheet HTML 44Page - Maxim Integrated Products 71M6534 Datasheet HTML 45Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
41
The page erase sequence is:
1. Write the page address to FLSH_PGADR[5:0] (SFR 0xB7[7:2]).
2. Write the pattern 0x55 to FLSH_ERASE (SFR 0x94).
Note: Transitions to BROWNOUT mode must be avoided during page erase operations.
Bank-Switching
The program memory of the 71M6533/71M6534 consists of a fixed lower bank of 32 KB, addressable at
0x0000 to 0x7FFF plus an upper banked area of 32 KB, addressable at 0x8000 to 0xFFFF. The upper 32
KB space is banked using the I/O RAM FL_BANK[2:0] register as shown in Table 38.: Note that when
FL_BANK[2:0] = 0, the upper bank is the same as the lower bank.
Table 38: Bank Switching with FL_BANK[2:0]
71M6533/H
71M6534
FL_BANK[1:0]
71M6534H
71M6533G
FL_BANK[2:0]
Address Range for Lower Bank
(0x000-0x7FFF)
Address Range for Upper Bank
(0x8000-0xFFFF)
00
000
0x0000-0x7FFF
0x0000-0x7FFF
01
001
0x8000-0xFFFF
10
010
0x10000-0x17FFF
11
011
0x18000-0x1FFFF
Not applicable
in 71M6533/H
and 71M6534
100
0x20000-0x27FFF
101
0x28000-0x2FFFF
110
0x30000-0x37FFF
111
0x38000-0x3FFFF
Program Security
When enabled, the security feature limits the ICE to global flash erase operations only. All other ICE
operations are blocked. This guarantees the security of the user’s MPU and CE program code. Security
should be enabled by MPU code that is executed during the pre-boot interval (60 CKMPU cycles before
the primary boot sequence begins). Once security is enabled, the only way to disable it is to perform a
global erase of the flash, followed by a chip reset.
The first 60 cycles of the MPU boot code are called the pre-boot phase because during this phase the
ICE is inhibited. A read-only status bit, PREBOOT, identifies these cycles to the MPU. Upon completion
of pre-boot, the ICE can be enabled and is permitted to take control of the MPU.
The security enable bit, SECURE, is reset whenever the chip is reset. Hardware associated with the bit
permits only ones to be written to it. Thus, pre-boot code may set SECURE to enable the security feature
but may not reset it. Once SECURE is set, the pre-boot code is protected and no external read of program
code is possible
Specifically, when SECURE is set, the following applies:
The ICE is limited to bulk flash erase only.
Page zero of flash memory, the preferred location for the user’s pre-boot code, may not be
page-erased by either MPU or ICE. Page zero may only be erased with global flash erase.
Writes to page zero, whether by MPU or ICE are inhibited.
MPU/CE RAM
The 71M6533 and 71M6534 includes 4 KB of static RAM memory on-chip (XRAM) plus 256 bytes of internal
RAM in the MPU core. The 4 KB of static RAM are used for data storage for both MPU and CE operations.


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz