Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 35Page - Maxim Integrated Products 71M6534 Datasheet HTML 36Page - Maxim Integrated Products 71M6534 Datasheet HTML 37Page - Maxim Integrated Products 71M6534 Datasheet HTML 38Page - Maxim Integrated Products 71M6534 Datasheet HTML 39Page - Maxim Integrated Products 71M6534 Datasheet HTML 40Page - Maxim Integrated Products 71M6534 Datasheet HTML 41Page - Maxim Integrated Products 71M6534 Datasheet HTML 42Page - Maxim Integrated Products 71M6534 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
39
The second rate adjustment is a digital rate adjust using PREG[16:0] and QREG[1:0], which can be used
to adjust the clock rate up to ± 988 ppm, with a resolution of 3.8 ppm. Updates must occur after a one
second interrupt, and must finish before the next one second boundary. The rate adjustment will be
implemented starting at the next one-second boundary. Since the LSB results in an adjustment every
four seconds, the frequency should be measured over an interval that is a multiple of four seconds.
To adjust the clock rate using the digital rate adjust, the appropriate values must be written to PREG[16:0]
and QREG[1:0]. The default frequency is 32,768 RTCLK cycles per second. To shift the clock frequency
by ∆ ppm, calculate PREG[16:0] and QREG[1:0] using the following equation:
+
+
=
+
5
.
0
10
1
8
32768
floor
QREG
PREG
4
6
For example, for a shift of -988 ppm, 4⋅PREG + QREG = 262403 = 0x40103. PREG[16:0] = 0x10040, and
QREG[1:0] = 0x03. The default values of PREG[16:0] and QREG[1:0], corresponding to zero adjustment,
are 0x10000 and 0x0, respectively.
The RTC timing may be observed on the TMUXOUT pin by setting TMUX[4:0] to 0x10 or 0x11.
Default values for RTCA_ADJ[6:0], PREG[16:0] and QREG[1:0] should be nominal values, at the
center of the adjustment range. Uncalibrated extreme values (zero, for example) can cause incorrect
operation.
If the crystal temperature coefficient is known, the MPU can integrate temperature and correct the RTC
time as necessary.
Both RTCA_ADJ[6:0] and PREG[16:0]/QREG[1:0] are non-volatile registers, i.e. their values will be
preserved in BROWNOUT, SLEEP and LCD modes. However, the digital correction controlled by the
PREG[16:0]/QREG[1:0] registers is not operational in SLEEP mode.
The digital adjustment using PREG[16:0] and QREG[1:0] is preferred over the analog adjustment using
RTCA_ADJ: The digital adjustment is more repeatable and has a wider range.
The sub-second register of the RTC, SUBSEC, can be read by the MPU after the one-second interrupt and
before reaching the next one second boundary. SUBSEC contains the count remaining, in 1/256 second
nominal clock periods, until the next one-second boundary. When the RST_SUBSEC bit is written, the
SUBSEC counter is restarted. Reading and resetting the sub-second counter can be used as part of an
algorithm to accurately set the RTC.
When setting the RTC_SEC register, it is important to take into account that the associated write operation
will be performed only in the next second boundary.
1.5.4 Temperature Sensor
The device includes an on-chip temperature sensor for determining the temperature of the bandgap
reference. If automatic temperature measurement is not performed by selecting CHOP_E[1:0] = 00, the
MPU may request an alternate multiplexer frame containing the temperature sensor output by asserting
MUX_ALT. The primary use of the temperature data is to determine the magnitude of compensation
required to offset the thermal drift in the system (see Section 3.5 Temperature Compensation).
1.5.5 Physical Memory
Flash Memory
The device includes 128 KB (71M6533/H, 71M6534) or 256 KB (71M6533G, 71M6534H) of on-chip flash
memory. The flash memory primarily contains MPU and CE program code. It also contains images of
the CE and MPU data in RAM as well as of I/O RAM. On power-up, before enabling the CE, the MPU
copies these images to their respective locations.


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz