Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 29Page - Maxim Integrated Products 71M6534 Datasheet HTML 30Page - Maxim Integrated Products 71M6534 Datasheet HTML 31Page - Maxim Integrated Products 71M6534 Datasheet HTML 32Page - Maxim Integrated Products 71M6534 Datasheet HTML 33Page - Maxim Integrated Products 71M6534 Datasheet HTML 34Page - Maxim Integrated Products 71M6534 Datasheet HTML 35Page - Maxim Integrated Products 71M6534 Datasheet HTML 36Page - Maxim Integrated Products 71M6534 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
33
External MPU Interrupts
The seven external interrupts are the interrupts external to the 80515 core, i.e. signals that originate in
other parts of the 71M6533/71M6534, for example the CE, DIO, RTC, EEPROM interface.
The external interrupts are connected as shown in Table 30. The polarity of interrupts 2 and 3 is
programmable in the MPU via the I3FR and I2FR bits in T2CON. Interrupts 2 and 3 should be programmed
for falling sensitivity (I3FR = I2FR = 0). The generic 8051 MPU literature states that interrupts 4 through 6
are defined as rising-edge sensitive. Thus, the hardware signals attached to interrupts 5 and 6 are inverted
to achieve the edge polarity shown in Table 30.
Table 30: External MPU Interrupts
External
Interrupt
Connection
Polarity
Flag Reset
0
Digital I/O High Priority
see Section 1.5.7
automatic
1
Digital I/O Low Priority
see Section 1.5.7
automatic
2
FWCOL0, FWCOL1, SPI
falling
automatic
3
CE_BUSY
falling
automatic
4
PLL_OK (rising), PLL_OK (falling)
rising
automatic
5
EEPROM busy
falling
automatic
6
XFER_BUSY, RTC_1SEC or WD_NROVF falling
manual
External interrupt 0 and 1 can be mapped to pins on the device using DIO resource maps. See Section
1.5.7 Digital I/O for more information.
FWCOLx interrupts occur when the CE collides with a flash write attempt. See the flash write description
in the Flash Memory section for more detail.
SFR enable bits must be set to permit any of these interrupts to occur. Likewise, each interrupt has its own
flag bit, which is set by the interrupt hardware, and reset by the MPU interrupt handler. XFER_BUSY,
RTC_1SEC, WD_NROVF, FWCOL0, FWCOL1, SPI, PLLRISE and PLLFALL have their own enable and
flag bits in addition to the interrupt 6, 4 and enable and flag bits (see Table 31).
IE0 through IEX6 are cleared automatically when the hardware vectors to the interrupt handler. The other
flags, IE_XFER through IE_PB, are cleared by writing a zero to them.
Since these bits are in an SFR bit addressable byte, common practice would be to clear them
with a bit operation, but this must be avoided. The hardware implements bit operations as a
byte wide read-modify-write hardware macro. If an interrupt occurs after the read, but before
the write, its flag will be cleared unintentionally.
The proper way to clear the flag bits is to write a byte mask consisting of all ones except for a
zero in the location of the bit to be cleared. The flag bits are configured in hardware to ignore
ones written to them.
Table 31: Interrupt Enable and Flag Bits
Interrupt Enable
Interrupt Flag
Interrupt Description
Name
Location
Name
Location
EX0
SFR A8[0]
IE0
SFR 88[1]
External interrupt 0
EX1
SFR A8[2]
IE1
SFR 88[3]
External interrupt 1
EX2
SFR B8[1]
IEX2
SFR C0[1]
External interrupt 2
EX3
SFR B8[2]
IEX3
SFR C0[2]
External interrupt 3
EX4
SFR B8[3]
IEX4
SFR C0[3]
External interrupt 4
EX5
SFR B8[4]
IEX5
SFR C0[4]
External interrupt 5
EX6
SFR B8[5]
IEX6
SFR C0[5]
External interrupt 6


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz