Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 28Page - Maxim Integrated Products 71M6534 Datasheet HTML 29Page - Maxim Integrated Products 71M6534 Datasheet HTML 30Page - Maxim Integrated Products 71M6534 Datasheet HTML 31Page - Maxim Integrated Products 71M6534 Datasheet HTML 32Page - Maxim Integrated Products 71M6534 Datasheet HTML 33Page - Maxim Integrated Products 71M6534 Datasheet HTML 34Page - Maxim Integrated Products 71M6534 Datasheet HTML 35Page - Maxim Integrated Products 71M6534 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
32
Rev 2
Table 27: TCON Bit Functions (SFR 0x88)
Bit
Symbol Function
TCON[7]
TF1
Timer 1 overflow flag.
TCON[6]
TR1
Not used for interrupt control.
TCON[5]
TF0
Timer 0 overflow flag.
TCON[4]
TR0
Not used for interrupt control.
TCON[3]
IE1
External interrupt 1 flag.
TCON[2]
IT1
External interrupt 1 type control bit:
0 = interrupt on low level.
1 = interrupt on falling edge.
TCON[1]
IE0
External interrupt 0 flag
TCON[0]
IT0
External interrupt 0 type control bit:
0 = interrupt on low level.
1 = interrupt on falling edge.
Table 28: The T2CON Bit Functions (SFR 0xC8)
Bit
Symbol Function
T2CON[7]
Not used.
T2CON[6]
I3FR
Polarity control for external interrupt 3: CE_BUSY
0 = falling edge.
1 = rising edge.
T2CON[5]
I2FR
Polarity control for external interrupt 2: FWCOL0, FWCOL1, SPI
0 = falling edge.
1 = rising edge.
T2CON[4:0]
Not used.
Table 29: The IRCON Bit Functions (SFR 0xC0)
Bit
Symbol Function
IRCON[7]
Not used
IRCON[6]
Not used
IRCON[5]
IEX6
1 = External interrupt 6 occurred and has not been cleared.
IRCON[4]
IEX5
1 = External interrupt 5 occurred and has not been cleared.
IRCON[3]
IEX4
1 = External interrupt 4 occurred and has not been cleared.
IRCON[2]
IEX3
1 = External interrupt 3 occurred and has not been cleared.
IRCON[1]
IEX2
1 = External interrupt 2 occurred and has not been cleared.
IRCON[0]
Not used.
TF0 and TF1 (Timer 0 and Timer 1 overflow flags) will be automatically cleared by hardware when
the service routine is called (Signals T0ACK and T1ACK – port ISR – active high when the service
routine is called).


Similar Part No. - 71M6534

ManufacturerPart #DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart #DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com