Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 25Page - Maxim Integrated Products 71M6534 Datasheet HTML 26Page - Maxim Integrated Products 71M6534 Datasheet HTML 27Page - Maxim Integrated Products 71M6534 Datasheet HTML 28Page - Maxim Integrated Products 71M6534 Datasheet HTML 29Page - Maxim Integrated Products 71M6534 Datasheet HTML 30Page - Maxim Integrated Products 71M6534 Datasheet HTML 31Page - Maxim Integrated Products 71M6534 Datasheet HTML 32Page - Maxim Integrated Products 71M6534 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
29
1.4.7 Timers and Counters
The 80515 has two 16-bit timer/counter registers: Timer 0 and Timer 1. These registers can be configured
for counter or timer operations.
In timer mode, the register is incremented every 12 MPU clock cycles. In counter mode, the register is
incremented when the falling edge is observed at the corresponding input signal T0 or T1 (T0 and T1 are
the timer gating inputs derived from certain DIO pins, see Section 1.5.7 Digital I/O). Since it takes 2 machine
cycles to recognize a 1-to-0 event, the maximum input count rate is 1/2 of the clock frequency (CKMPU).
There are no restrictions on the duty cycle, however to ensure proper recognition of the 0 or 1 state, an
input should be stable for at least 1 machine cycle.
Four operating modes can be selected for Timer 0 and Timer 1, as shown in Table 20 and Table 21. The
TMOD Register, shown in Table 22, is used to select the appropriate mode. The timer/counter operation
is controlled by the TCON Register, which is shown in
Table 23. Bits TR1 (TCON[6]) and TR0 (TCON[4]) in the TCON register start their associated timers when
set.
Table 20: Timers/Counters Mode Description
M1
M0
Mode
Function
0
0
Mode 0
13-bit Counter/Timer mode with 5 lower bits in the TL0 or TL1 register
and the remaining 8 bits in the TH0 or TH1 register (for Timer 0 and
Timer 1, respectively). The 3 high order bits of TL0 and TL1 are held
at zero.
0
1
Mode 1
16-bit Counter/Timer mode.
1
0
Mode 2
8-bit auto-reload Counter/Timer. The reload value is kept in TH0 or
TH1, while TL0 or TL1 is incremented every machine cycle. When
TL(x) overflows, a value from TH(x) is copied to TL(x) (where x is 0
for counter/timer 0 or 1 for counter/timer 1.
1
1
Mode 3
If Timer 1 M1 and M0 bits are set to 1, Timer 1 stops.
If Timer 0 M1 and M0 bits are set to 1, Timer 0 acts as two independent
8-bit Timer/Counters.
In Mode 3, TL0 is affected by TR0 and gate control bits, and sets the TF0 flag on overflow, while
TH0 is affected by the TR1 bit, and the TF1 flag is set on overflow.
Table 21 specifies the combinations of operation modes allowed for Timer 0 and Timer 1.
Table 21: Allowed Timer/Counter Mode Combinations
Timer 1
Mode 0
Mode 1
Mode 2
Timer 0 - mode 0
Yes
Yes
Yes
Timer 0 - mode 1
Yes
Yes
Yes
Timer 0 - mode 2
Not allowed
Not allowed
Yes
Table 22: TMOD Register Bit Description (SFR 0x89)
Bit
Symbol
Function
Timer/Counter 1:
TMOD[7]
Gate
If TMOD[7] is set, external input signal control is enabled for Counter 0.
external gate control. The TR1 bit in the TCON register (SFR 0x88) must
also be set in order for Counter 1 to increment.
With these settings Counter 1 is incremented on every falling edge of the
logic signal applied to one or more of the interrupt sources controlled by
the DI_RBP, DIO_R1, … DIO_RXX registers.
TMOD[6]
C/T
Selects timer or counter operation. When set to 1, a counter operation is
performed. When cleared to 0, the corresponding register will function as a


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz