Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 22Page - Maxim Integrated Products 71M6534 Datasheet HTML 23Page - Maxim Integrated Products 71M6534 Datasheet HTML 24Page - Maxim Integrated Products 71M6534 Datasheet HTML 25Page - Maxim Integrated Products 71M6534 Datasheet HTML 26Page - Maxim Integrated Products 71M6534 Datasheet HTML 27Page - Maxim Integrated Products 71M6534 Datasheet HTML 28Page - Maxim Integrated Products 71M6534 Datasheet HTML 29Page - Maxim Integrated Products 71M6534 Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
26
Rev 2
Register
(Alternate Name)
SFR
Address
Bit Field
Name
R/W Description
IFLAGS
0xE8[0]
IE_XFER
R/W
This flag monitors the XFER_BUSY interrupt. It
is set by hardware and must be cleared by the
interrupt handler.
0xE8[1]
IE_RTC
R/W
This flag monitors the RTC_1SEC interrupt. It
is set by hardware and must be cleared by the
interrupt handler.
0xE8[2]
FW_COL1
R/W This flag indicates that a flash write was in
progress while the CE was busy.
0xE8[3]
FW_COL0
R/W
This flag indicates that a flash write was
attempted when the CE was attempting to
begin a code pass.
0xE8[4]
IE_PB
R/W This flag indicates that the wake-up pushbutton
was pressed.
0xE8[5]
IE_WAKE
R/W This flag indicates that the MPU was awakened
by the autowake timer.
0xE8[6]
PLL_RISE
R/W PLL_RISE Interrupt Flag:
Write 0 to clear the PLL_RISE interrupt flag.
0xE8[7]
PLL_FALL
R/W PLL_FALL Interrupt Flag:
Write 0 to clear the PLL_FALL interrupt flag.
INTBITS
(INT0 … INT6)
0xF8[6:0] INT6 … INT0
R
Interrupt inputs. The MPU may read these bits
to see the status of external interrupts INT0 up
to INT6. These bits do not have any memory
and are primarily intended for debug use.
0xF8[7]
WD_RST
W
The WDT is reset when a 1 is written to this bit.
Only byte operations on the entire INTBITS register should be used when
writing. The byte must have all bits set except the bits that are to be
cleared.
1.4.5 Instruction Set
All instructions of the generic 8051 microcontroller are supported. A complete list of the instruction set
and of the associated op-codes is contained in the 71M653X Software User’s Guide (SUG).
1.4.6 UARTs
The 71M6533 and 71M6534 include a UART (UART0) that can be programmed to communicate with a
variety of AMR modules and other external devices. A second UART (UART1) is connected to the optical
port, as described in the 1.5.6 Optical Interface section.
The UARTs are dedicated 2-wire serial interfaces, which can communicate with an external host processor
at up to 38,400 bits/s (with MPU clock = 1.2288 MHz). The operation of the RX and TX UART0 pins is as
follows:
UART0 RX: Serial input data are applied at this pin. Conforming to RS-232 standard, the bytes are
input LSB first.
UART0 TX: This pin is used to output the serial data. The bytes are output LSB first.
The 71M6533 and 71M6534 have several UART-related registers for the control and buffering of serial
data.
A single SFR register serves as both the transmit buffer and receive buffer (S0BUF, SFR 0x99 for UART0
and S1BUF, SFR 0x9C for UART1). When written by the MPU, SxBUF acts as the transmit buffer, and
when read by the MPU, it acts as the receive buffer. Writing data to the transmit buffer starts the transmission
by the associated UART. Received data are available by reading from the receive buffer. Both UARTs
can simultaneously transmit and receive data.


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz