Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 21Page - Maxim Integrated Products 71M6534 Datasheet HTML 22Page - Maxim Integrated Products 71M6534 Datasheet HTML 23Page - Maxim Integrated Products 71M6534 Datasheet HTML 24Page - Maxim Integrated Products 71M6534 Datasheet HTML 25Page - Maxim Integrated Products 71M6534 Datasheet HTML 26Page - Maxim Integrated Products 71M6534 Datasheet HTML 27Page - Maxim Integrated Products 71M6534 Datasheet HTML 28Page - Maxim Integrated Products 71M6534 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
25
Table 13: Stretch Memory Cycle Width
CKCON[2:0]
Stretch
Value
Read Signal Width
Write Signal Width
memaddr
memrd
memaddr
memwr
000
0
1
1
2
1
001
1
2
2
3
1
010
2
3
3
4
2
011
3
4
4
5
3
100
4
5
5
6
4
101
5
6
6
7
5
110
6
7
7
8
6
111
7
8
8
9
7
1.4.4 71M6533/71M6534-Specific Special Function Registers
Table 14 shows the location and description of the 71M6533/71M6534-specific SFRs.
Table 14: 71M6533/71M6534 Specific SFRs
Register
(Alternate Name)
SFR
Address
Bit Field
Name
R/W Description
EEDATA
0x9E
R/W I2C EEPROM interface data register.
EECTRL
0x9F
R/W
I2C EEPROM interface control register.
See Section 1.5.10 EEPROM Interface for a
description of the command and status bits
available for EECTRL.
ERASE
(FLSH_ERASE)
0x94
W
This register is used to initiate either the Flash
Mass Erase cycle or the Flash Page Erase cycle.
See the Flash Memory section for details.
FL_BANK[2:0]
0xB6[2:0]
R/W Flash Bank Selection.
PGADDR
(FLSH_PGADR)
0xB7
R/W
Flash Page Erase Address register. Contains
the flash memory page address (page 0
through page 127) that will be erased during the
Page Erase cycle (default = 0x00). Must be re-
written for each new Page Erase cycle.
FLSHCRL
0xB2[0]
FLSH_PWE
R/W
Program Write Enable:
0: MOVX commands refer to XRAM Space,
normal operation (default).
1: MOVX @DPTR,A moves A to Program
Space (Flash) @ DPTR.
0xB2[1]
FLSH_MEEN
W
Mass Erase Enable:
0: Mass Erase disabled (default).
1: Mass Erase enabled.
Must be re-written for each new Mass Erase cycle.
0xB2[4]
WRPROT_CE*
Protects flash from address CE_LCTN *1024 to
the end of memory from flash page erase.
0xB2[5]
WRPROT_BT*
Protects flash from address 0 to address
BOOT_SIZE*1024 from flash page erase.
0xB2[6]
SECURE
R/W Enables security provisions that prevent external
reading of flash memory and CE program RAM.
This bit is reset on chip reset and may only be set.
Attempts to write zero are ignored.
0xB2[7]
PREBOOT
R
Indicates that the preboot sequence is active.
* The WRPROT_CE and WRPROT_BT bits can only be cleared when the SECURE bit
is not set. When SECURE = 1, WRPROT_CE and WRPROT_BT can only be set to 1.
A hardware reset is required to clear these bits if SECURE = 1.


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz