Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 20Page - Maxim Integrated Products 71M6534 Datasheet HTML 21Page - Maxim Integrated Products 71M6534 Datasheet HTML 22Page - Maxim Integrated Products 71M6534 Datasheet HTML 23Page - Maxim Integrated Products 71M6534 Datasheet HTML 24Page - Maxim Integrated Products 71M6534 Datasheet HTML 25Page - Maxim Integrated Products 71M6534 Datasheet HTML 26Page - Maxim Integrated Products 71M6534 Datasheet HTML 27Page - Maxim Integrated Products 71M6534 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
24
Rev 2
Stack Pointer (SP, SFR 0x81):
The stack pointer is a 1-byte register initialized to 0x07 after reset. This register is incremented before
PUSH and CALL instructions, causing the stack to begin at location 0x08.
Data Pointer:
The data pointers (DPTR and DPRT1) are 2 bytes wide. The lower part is DPL(SFR 0x82) and DPL1 (SFR
0x84) and the highest is DPH (SFR 0x83) and DPH1 (SFR 0x85). The data pointers can be loaded as two
registers (e.g. MOV DPL,#data8). They are generally used to access external code or data space (e.g.
MOVC A,@A+DPTR or MOVX A,@DPTR respectively).
Program Counter:
The program counter (PC) is 2 bytes wide and initialized to 0x0000 after reset. The PC is incremented
when fetching operation code or when operating on data from program memory.
Port Registers:
The I/O ports are controlled by Special Function Registers P0, P1 and P2, as shown in Table 12. The contents
of the SFR can be observed on corresponding pins on the chip. Writing a 1 to any of the ports causes the
corresponding pin to be at high level (V3P3). Writing a 0 causes the corresponding pin to be held at a low
level (GND). The data direction registers DIR0, DIR1, and DIR2 define individual pins as input or output
pins (see Section 1.5.7 Digital I/O for details).
Table 12: Port Registers
Register
SFR
Address R/W Description
P0
0x80
R/W Register for port 0 read and write operations.
DIR0
0xA2
R/W Data direction register for port 0. Setting a bit to 1 means that the
corresponding pin is an output.
P1
0x90
R/W Register for port 1 read and write operations.
DIR1
0x91
R/W Data direction register for port 1.
P2
0xA0
R/W Register for port 2 read and write operations.
DIR2
0xA1
R/W Data direction register for port 2.
All DIO ports on the chip are bi-directional. Each of them consists of a Latch (SFR P0 to P2), an output
driver and an input buffer, therefore the MPU can output or read data through any of these ports. Even if
a DIO pin is configured as an output, the state of the pin can still be read by the MPU, for example when
counting pulses issued via DIO pins that are under CE control.
The technique of reading the status of or generating interrupts based on DIO pins configured as
outputs can be used to implement pulse counting.
Clock Stretching (CKCON[2:0], SFR 0x8E)
The CKCON[2:0] field defines the stretch memory cycles that are used for MOVX instructions when
accessing external peripherals. The practical value of this field for the 71M6533/71M6534 is to guarantee
access to XRAM between CE, MPU, and SPI. The default setting of CKCON[2:0] (001) should not be
changed.
Table 13 shows how the signals of the External Memory Interface change when stretch values are set
from 0 to 7. The widths of the signals are counted in MPU clock cycles. The post-reset state of the
CKCON[2:0] register (001), which is shown in bold in the table, performs the MOVX instructions with a
stretch value equal to 1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn