Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 19Page - Maxim Integrated Products 71M6534 Datasheet HTML 20Page - Maxim Integrated Products 71M6534 Datasheet HTML 21Page - Maxim Integrated Products 71M6534 Datasheet HTML 22Page - Maxim Integrated Products 71M6534 Datasheet HTML 23Page - Maxim Integrated Products 71M6534 Datasheet HTML 24Page - Maxim Integrated Products 71M6534 Datasheet HTML 25Page - Maxim Integrated Products 71M6534 Datasheet HTML 26Page - Maxim Integrated Products 71M6534 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
23
Name
Address
(Hex)
Reset value
(Hex)
Description
Page
IEN0
0xA8
0x00
Interrupt Enable Register 0
31
IP0
0xA9
0x00
Interrupt Priority Register 0
34
S0RELL
0xAA
0xD9
Serial Port 0, Reload Register, low byte
26
P3
0xB0
0xFF
Port 3
24
IEN1
0xB8
0x00
Interrupt Enable Register 1
31
IP1
0xB9
0x00
Interrupt Priority Register 1
34
S0RELH
0xBA
0x03
Serial Port 0, Reload Register, high byte
26
S1RELH
0xBB
0x03
Serial Port 1, Reload Register, high byte
26
PDATA
0xBF
0x00
High address byte for MOVX@Ri - also called USR2
20
IRCON
0xC0
0x00
Interrupt Request Control Register
32
T2CON
0xC8
0x00
Polarity for INT2 and INT3
32
PSW
0xD0
0x00
Program Status Word
23
WDCON
0xD8
0x00
Baud Rate Control Register (only WDCON[7] bit used)
26
A
0xE0
0x00
Accumulator
23
B
0xF0
0x00
B Register
23
Accumulator (ACC, A, SFR 0xE0):
ACC is the accumulator register. Most instructions use the accumulator to hold the operand. The
mnemonics for accumulator-specific instructions refer to accumulator as A, not ACC.
B Register (SFR 0xF0):
The B register is used during multiply and divide instructions. It can also be used as a scratch-pad register
to hold temporary data.
Program Status Word (PSW, SFR 0xD0)):
This register contains various flags and control bits for the selection of the register banks (see Table 11).
Table 11: PSW Bit Functions (SFR 0xD0)
PSW Bit
Symbol Function
7
CV
Carry flag.
6
AC
Auxiliary Carry flag for BCD operations.
5
F0
General purpose Flag 0 available for user.
F0 is not to be confused with the F0 flag in the CESTATUS register.
4
RS1
Register bank select control bits. The contents of RS1 and RS0 select the
working register bank:
RS1/RS0
Bank selected
Location
00
Bank 0
0x00 – 0x07
01
Bank 1
0x08 – 0x0F
10
Bank 2
0x10 – 0x17
11
Bank 3
0x18 – 0x1F
3
RS0
2
OV
Overflow flag.
1
User defined flag.
0
P
Parity flag, affected by hardware to indicate odd or even number of one bits in
the Accumulator, i.e. even parity.


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz