Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 18Page - Maxim Integrated Products 71M6534 Datasheet HTML 19Page - Maxim Integrated Products 71M6534 Datasheet HTML 20Page - Maxim Integrated Products 71M6534 Datasheet HTML 21Page - Maxim Integrated Products 71M6534 Datasheet HTML 22Page - Maxim Integrated Products 71M6534 Datasheet HTML 23Page - Maxim Integrated Products 71M6534 Datasheet HTML 24Page - Maxim Integrated Products 71M6534 Datasheet HTML 25Page - Maxim Integrated Products 71M6534 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
22
Rev 2
Hex/
Bin
Bit
Addressable
Byte Addressable
Bin/
Hex
X000
X001
X010
X011
X100
X101
X110
X111
D8
WDCON
DF
D0
PSW
D7
C8
T2CON
CF
C0
IRCON
C7
B8
IEN1
IP1
S0RELH
S1RELH
PDATA
BF
B0
P3
FLSHCTL
FL_BANK PGADR
B7
A8
IEN0
IP0
S0RELL
AF
A0
P2
DIR2
DIR0
A7
98
S0CON
S0BUF
IEN2
S1CON
S1BUF S1RELL EEDATA EECTRL
9F
90
P1
DIR1
DPS
ERASE
97
88
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
8F
80
P0
SP
DPL
DPH
DPL1
DPH1
PCON
87
1.4.3 Generic 80515 Special Function Registers
Table 10 shows the location, description and reset or power-up value of the generic 80515 SFRs. Additional
descriptions of the registers can be found at the page numbers listed in the table.
Table 10: Generic 80515 SFRs - Location and Reset Values
Name
Address
(Hex)
Reset value
(Hex)
Description
Page
P0
0x80
0xFF
Port 0
24
SP
0x81
0x07
Stack Pointer
24
DPL
0x82
0x00
Data Pointer Low 0
24
DPH
0x83
0x00
Data Pointer High 0
24
DPL1
0x84
0x00
Data Pointer Low 1
24
DPH1
0x85
0x00
Data Pointer High 1
24
PCON
0x87
0x00
UART Speed Control, Idle and Stop mode Control
28
TCON
0x88
0x00
Timer/Counter Control
32
TMOD
0x89
0x00
Timer Mode Control
29
TL0
0x8A
0x00
Timer 0, low byte
29
TL1
0x8B
0x00
Timer 1, high byte
29
TH0
0x8C
0x00
Timer 0, low byte
29
TH1
0x8D
0x00
Timer 1, high byte
29
CKCON
0x8E
0x01
Clock Control (Stretch=1)
24
P1
0x90
0xFF
Port 1
24
DPS
0x92
0x00
Data Pointer select Register
20
S0CON
0x98
0x00
Serial Port 0, Control Register
28
S0BUF
0x99
0x00
Serial Port 0, Data Buffer
26
IEN2
0x9A
0x00
Interrupt Enable Register 2
31
S1CON
0x9B
0x00
Serial Port 1, Control Register
28
S1BUF
0x9C
0x00
Serial Port 1, Data Buffer
26
S1RELL
0x9D
0x00
Serial Port 1, Reload Register, low byte
26
P2
0xA0
0xFF
Port 2
24


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz