Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 16Page - Maxim Integrated Products 71M6534 Datasheet HTML 17Page - Maxim Integrated Products 71M6534 Datasheet HTML 18Page - Maxim Integrated Products 71M6534 Datasheet HTML 19Page - Maxim Integrated Products 71M6534 Datasheet HTML 20Page - Maxim Integrated Products 71M6534 Datasheet HTML 21Page - Maxim Integrated Products 71M6534 Datasheet HTML 22Page - Maxim Integrated Products 71M6534 Datasheet HTML 23Page - Maxim Integrated Products 71M6534 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
20
Rev 2
If the MPU overwrites the CE’s working RAM, the CE’s output may be corrupted. If the CE is
disabled, the first 0x40 bytes of RAM are still unusable while MUX_DIV[3:0] ≠ 0 because the
71M6533/71M6534 ADC writes to these locations. Setting MUX_DIV[3:0] = 0 disables the ADC
output, preventing the CE from writing the first 0x40 bytes of RAM.
The 80515 writes into external data memory when the MPU executes a MOVX @Ri,A or MOVX
@DPTR,A instruction. The MPU reads external data memory by executing a MOVX A,@Ri or MOVX
A,@DPTR instruction (SFR PDATA provides the upper 8 bytes for the MOVX A,@Ri instruction).
Internal and External Memory Map
Table 7 shows the address, type, use and size of the various memory components.
Only the memory ranges shown in Table 7 contain physical memory.
Table 7: Memory Map
Address
(hex)
Memory
Technology
Memory
Type
Name
Typical Usage
Memory Size
(bytes)
00000-1FFFF
Flash Memory
Non-
volatile
Program memory
MPU Program and
non-volatile data
128 KB
00000-3FFFF
Flash Memory
Non-
volatile
Program memory
MPU Program and
non-volatile data
256 KB
on 1K
boundary
Flash Memory
Non-
volatile
Program memory
CE program
8 KB max.
0000-0FFF
Static RAM
Volatile
External RAM
(XRAM)
Shared by CE and
MPU
4 KB
2000-20BF,
20C8-20FF
Static RAM
Volatile
Configuration RAM
(I/O RAM)
Hardware control
256
20C0-20C7
Static RAM
Non-
volatile
(battery)
Configuration RAM
(I/O RAM)
Battery-buffered
memory
8
0000-00FF
Static RAM
Volatile
Internal RAM
Part of 80515 Core
256
For the 71M6534 only.
MOVX Addressing
There are two types of instructions differing in whether they provide an 8-bit or 16-bit indirect address to
the external data RAM.
In the first type, MOVX A,@Ri, the contents of R0 or R1 in the current register bank provide the eight
lower-ordered bits of address. The eight high-ordered bits of the address are specified with the PDATA
SFR. This method allows the user paged access (256 pages of 256 bytes each) to all ranges of the
external data RAM.
In the second type of MOVX instruction, MOVX A,@DPTR, the data pointer generates a 16-bit address.
This form is faster and more efficient when accessing very large data arrays (up to 64 KB), since no
additional instructions are needed to set up the eight high ordered bits of the address.
It is possible to mix the two MOVX types. This provides the user with four separate data pointers, two
with direct access and two with paged access, to the entire 64 KB of external memory range.
Dual Data Pointer
The Dual Data Pointer accelerates the block moves of data. The standard DPTR is a 16-bit register that
is used to address external memory or peripherals. In the 80515 core, the standard data pointer is called
DPTR, the second data pointer is called DPTR1. The data pointer select bit, located in the LSB of the DPS
register (DPS[0]), chooses the active pointer. DPTR is selected when DPS[0] = 0 and DPTR1 is selected
when DPS[0] = 1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn