Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 15Page - Maxim Integrated Products 71M6534 Datasheet HTML 16Page - Maxim Integrated Products 71M6534 Datasheet HTML 17Page - Maxim Integrated Products 71M6534 Datasheet HTML 18Page - Maxim Integrated Products 71M6534 Datasheet HTML 19Page - Maxim Integrated Products 71M6534 Datasheet HTML 20Page - Maxim Integrated Products 71M6534 Datasheet HTML 21Page - Maxim Integrated Products 71M6534 Datasheet HTML 22Page - Maxim Integrated Products 71M6534 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
19
1.4 80515 MPU Core
The 71M6533 and 71M6534 include an 80515 MPU (8-bit, 8051-compatible) that processes most instructions
in one clock cycle. Using a 10 MHz clock results in a processing throughput of 10 MIPS. The 80515
architecture eliminates redundant bus states and implements parallel execution of fetch and execution
phases. Normally, a machine cycle is aligned with a memory fetch, therefore, most of the 1-byte instructions
are performed in a single machine cycle (MPU clock cycle). This leads to an 8x average performance
improvement (in terms of MIPS) over the Intel8051 device running at the same clock frequency.
Table 6 shows the CKMPU frequency as a function of the allowed combinations of the MPU clock divider
MPU_DIV[2:0] and the MCK divider bits M40MHZ and M26MHZ. Actual processor clocking speed can be
adjusted to the total processing demand of the application (metering calculations, AMR management, memory
management, LCD driver management and I/O management) using the I/O RAM field MPU_DIV[2:0] and
the MCK divider bits M40MHZ and M26MHZ, as shown in Table 6.
Table 6: CKMPU Clock Frequencies
MPU_DIV [2:0]
[M40MHZ, M26MHZ] Values
[1,0]
[0,1]
[0,0]
000
9.8304 MHz
6.5536 MHz
4.9152 MHz
001
4.9152 MHz
3.2768 MHz
2.4576 MHz
010
2.4576MHz
1.6384 MHz
1.2288 MHz
011
1.2288 MHz
819.2 kHz
614.4 kHz
100
614.4 kHz
409.6 kHz
307.2 kHz
101
307.2 kHz
204.8 kHz
153.6 kHz
110
153.6 kHz
102.4 kHz
76.8 kHz
111
153.6 kHz
102.4 kHz
76.8 kHz
Typical measurement and metering functions based on the results provided by the internal 32-bit compute
engine (CE) are available for the MPU as part of Maxim’s Teridian standard library, which provides
demonstration source code to help reduce the design cycle.
1.4.1 Memory Organization and Addressing
The 80515 MPU core incorporates the Harvard architecture with separate code and data spaces. Memory
organization in the 80515 is similar to that of the industry standard 8051. There are four memory areas:
Program memory (Flash, shared by MPU and CE), external RAM (Data RAM, shared by the CE and MPU,
Configuration or I/O RAM) and internal data memory (Internal RAM). Table 7 shows the memory map.
Program Memory
The 80515 can address up to 64 KB of program memory space from 0x0000 to 0xFFFF. Program memory
is read when the MPU fetches instructions or performs a MOVC operation. Access to program memory
above 0x7FFF is controlled by the FL_BANK[2:0] SFR register (SFR 0xB6).
After reset, the MPU starts program execution from program memory location 0x0000. The lower part of
the program memory includes reset and interrupt vectors. The interrupt vectors are spaced at 8-byte
intervals, starting from 0x0003.
MPU External Data Memory (XRAM)
Both internal and external memory is physically located on the 71M6533/71M6534 device. The external
memory referred to in this documentation is only external to the 80515 MPU core.
4 KB of RAM starting at address 0x0000 is shared by the CE and MPU. The CE normally uses the first
1 KB, leaving 3 KB for the MPU. Different versions of the CE code use varying amounts. Consult the
documentation for the specific code version being used for the exact limit.


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz