Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 14Page - Maxim Integrated Products 71M6534 Datasheet HTML 15Page - Maxim Integrated Products 71M6534 Datasheet HTML 16Page - Maxim Integrated Products 71M6534 Datasheet HTML 17Page - Maxim Integrated Products 71M6534 Datasheet HTML 18Page - Maxim Integrated Products 71M6534 Datasheet HTML 19Page - Maxim Integrated Products 71M6534 Datasheet HTML 20Page - Maxim Integrated Products 71M6534 Datasheet HTML 21Page - Maxim Integrated Products 71M6534 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
18
Rev 2
Figure 6: Accumulation Interval
Figure 6 shows the accumulation interval resulting from PRE_SAMPS[1:0] = 42 and SUM_CYCLES[5:0] = 50,
consisting of 2100 samples of 397µs each, followed by the XFER_BUSY interrupt. The sampling in this
example is applied to a 50 Hz signal.
There is no correlation between the line signal frequency and the choice of PRE_SAMPS[1:0] or
SUM_CYCLES[5:0] (even though when SUM_CYCLES[5:0] = 42, one set of SUM_CYCLES happens to
sample a period of 16.6 ms). Furthermore, sampling does not have to start when the line voltage crosses
the zero line, and the length of the accumulation interval need not be an integer multiple of the signal cycles.
1.3.6 Delay Compensation
When measuring the energy of a phase (i.e., Wh and VARh) in a service, the voltage and current for that
phase must be sampled at the same instant. Otherwise, the phase difference, Ф, introduces errors.
o
delay
o
delay
f
t
T
t
360
360
=
=
φ
Where f is the frequency of the input signal and tdelay is the sampling delay between voltage and current.
In traditional meter ICs, sampling is accomplished by using two A/D converters per phase (one for voltage
and the other one for current) controlled to sample simultaneously. Our Single Converter Technology,
however, exploits the 32-bit signal processing capability of its CE to implement “constant delay” all-pass
filters. These all-pass filters correct for the conversion time difference between the voltage and the
corresponding current samples that are obtained with a single multiplexed A/D converter.
The “constant delay” all-pass filters provide a broad-band delay β that is precisely matched to the differ-
ence in sample time between the voltage and the current of a given phase. This digital filter does not
affect the amplitude of the signal, but provides a precisely controlled phase response. The delay
compensation implemented in the CE aligns the voltage samples with their corresponding current
samples by routing the voltage samples through the all-pass filter, thus delaying the voltage samples by
β, resulting in the residual phase error β – Ф. The residual phase error is negligible, and is typically less
than ±1.5 millidegrees at 100Hz, thus it does not contribute to errors in the energy measurements.
XFER_BUSY
Interrupt to MPU
20ms
833ms


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz