Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 11Page - Maxim Integrated Products 71M6534 Datasheet HTML 12Page - Maxim Integrated Products 71M6534 Datasheet HTML 13Page - Maxim Integrated Products 71M6534 Datasheet HTML 14Page - Maxim Integrated Products 71M6534 Datasheet HTML 15Page - Maxim Integrated Products 71M6534 Datasheet HTML 16Page - Maxim Integrated Products 71M6534 Datasheet HTML 17Page - Maxim Integrated Products 71M6534 Datasheet HTML 18Page - Maxim Integrated Products 71M6534 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
15
Table 4: XRAM Locations for ADC Results
Address (HEX)
Name
Description
0x00
IA
Phase A current
0x01
VA
Phase A voltage
0x02
IB
Phase B current
0x03
VB
Phase B voltage
0x04
IC
Phase C current
0x05
VC
Phase C voltage
0x06
ID
Neutral current
0x07 – 0x09
Not used
0x0A
TEMP
Temperature
0x0B
VBAT
Battery Voltage
The CE is aided by support hardware to facilitate implementation of equations, pulse counters, and
accumulators. This hardware is controlled through I/O RAM locations EQU[2:0] (equation assist), the
DIO_PV and DIO_PW (pulse count assist) bits, and PRE_SAMPS[1:0] and SUM_CYCLES[5:0] (accumulation
assist).
PRE_SAMPS[1:0] and SUM_CYCLES[5:0] support a dual-level accumulation scheme where the first
accumulator accumulates results from PRE_SAMPS[1:0] samples and the second accumulator accumulates
up to SUM_CYCLES[5:0] of the first accumulator results. The integration time for each energy output is
PRE_SAMPS[1:0] * SUM_CYCLES[5:0] / 2520.6 (with MUX_DIV[3:0] = 6). CE hardware issues the
XFER_BUSY interrupt when the accumulation is complete.
1.3.1 Meter Equations
The 71M6533 and 71M6534 provide hardware assistance to the CE in order to support various meter
equations. This assistance is controlled through the I/O RAM field EQU[2:0] (equation assist). The
Compute Engine (CE) firmware for industrial configurations can implement the equations listed in Table 5.
EQU[2:0] specifies the equation to be used based on the meter configuration and on the number of phases
used for metering.
Table 5: Inputs Selected in Regular and Alternate Multiplexer Cycles
EQU[2:0]
Description
Wh and VARh formula
Mux
Sequence
ALT Mux
Sequence
Element
0
Element
1
Element
2
0
1 element, 2 W,
1φ with neutral
current sense
VA ∙ IA
VA ∙ IB
N/A
Sequence is
programmable
with
SLOTn_SEL[3:0]
Sequence is
programmable with
SLOTn_ALTSEL[3:0]
1
1 element, 3 W, 1φ VA(IA-IB)/2
N/A
N/A
2
2 element, 3 W,
3φ Delta
VA ∙ IA
VB ∙ IB
N/A
3
2 element, 4 W,
3φ Delta
VA(IA-IB)/2
N/A
VC ∙IC
4
2 element, 4 W,
3φ Wye
VA(IA-IB)/2 VB(IC-IB)/2
N/A
5
3 element, 4 W,
3φ Wye
VA ∙ IA
VB ∙ IB
VC ∙ IC
Not all CE codes support all equations.


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz