Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

71M6534 Datasheet(HTML) 14 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 14 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
14
Rev 2
∆Σ
ADC
CONVERTER
VREF
VB_REF
ADC_E
MUX
VREF
VBIAS
TEMP
VREF
VBIAS
VREF_CAL
VREF_DIS
VBAT
VADC
EQU
MUX_ALT
MUX_DIV
22
FIR
FIR_LEN
IBP
VB
ICP
VC
IAP
VA
IAN
IBN
ICN
I DN
I DP
Figure 4: AFE Block Diagram
1.3 Digital Computation Engine (CE)
The CE, a dedicated 32-bit signal processor, performs the precision computations necessary to accurately
measure energy. The CE calculations and processes include:
Multiplication of each current sample with its associated voltage sample to obtain the energy per
sample (when multiplied with the constant sample time).
Frequency-insensitive delay cancellation on all six channels (to compensate for the delay between
samples caused by the multiplexing scheme).
90° phase shifter (for VAR calculations).
Pulse generation.
Monitoring of the input signal frequency (for frequency and phase information).
Monitoring of the input signal amplitude (for sag detection).
Scaling of the processed samples based on calibration coefficients. Scaling of all samples based on
temperature compensation information.
The CE program resides in flash memory. Common access to flash memory by the CE and MPU is controlled
by a memory share circuit. Each CE instruction word is two bytes long. Allocated flash space for the CE
program cannot exceed 4096 16-bit words (8 KB). The CE program counter begins a pass through the
CE code each time multiplexer state 0 begins. The code pass ends when a HALT instruction is executed.
For proper operation, the code pass must be completed before the multiplexer cycle ends (see Section
2.2 System Timing Summary).
The CE program must begin on a 1-KB boundary of the flash address. The I/O RAM register CE_LCTN[7:0]
defines which 1-KB boundary contains the CE code. Thus, the first CE instruction is located at
1024*CE_LCTN[7:0].
The CE can access up to 4 KB of data RAM (XRAM), or 1024 32-bit data words, starting at RAM address
0x0000.
The XRAM can be accessed by the FIR filter block, the RTM circuit, the CE, and the MPU. Assigned time
slots are reserved for FIR and MPU, respectively, to prevent bus contention for XRAM data access.
The MPU can read and write the XRAM shared between the CE and MPU as the primary means of data
communication between the two processors.
Table 4 shows the CE addresses in XRAM allocated to analog inputs from the AFE.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn