Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 7Page - Maxim Integrated Products 71M6534 Datasheet HTML 8Page - Maxim Integrated Products 71M6534 Datasheet HTML 9Page - Maxim Integrated Products 71M6534 Datasheet HTML 10Page - Maxim Integrated Products 71M6534 Datasheet HTML 11Page - Maxim Integrated Products 71M6534 Datasheet HTML 12Page - Maxim Integrated Products 71M6534 Datasheet HTML 13Page - Maxim Integrated Products 71M6534 Datasheet HTML 14Page - Maxim Integrated Products 71M6534 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
11
Table 1: Signals Selected for the ADC with SLOTn_SEL and SLOTn_ALTSEL (MUX_DIV[3:0] = 7)
Time
Slot
Regular Slot
Alternate Slot
Register
Typical Selections
Register
Typical Selections
Signal
Number
Signal for
ADC
Signal
Number
Signal for
ADC
0
SLOT0_SEL[3:0]
0
IA
SLOT0_ALTSEL[3:0]
A
TEMP
1
SLOT1_SEL[3:0]
1
VA
SLOT1_ALTSEL[3:0]
1
VA
2
SLOT2_SEL[3:0]
2
IB
SLOT2_ALTSEL[3:0]
B
VBAT
3
SLOT3_SEL[3:0]
3
VB
SLOT3_ALTSEL[3:0]
3
VB
4
SLOT4_SEL[3:0]
4
IC
SLOT4_ALTSEL[3:0]
4
IC
5
SLOT5_SEL[3:0]
5
VC
SLOT5_ALTSEL[3:0]
5
VC
6
SLOT6_SEL[3:0]
6
ID
SLOT6_ALTSEL[3:0]
6
ID
SLOT7_SEL[3:0]
SLOT7_ALTSEL[3:0]
SLOT8_SEL[3:0]
SLOT8_ALTSEL[3:0]
SLOT9_SEL[3:0]
SLOT9_ALTSEL[3:0]
The duration of each multiplexer state depends on the number of ADC samples processed by the FIR,
which is set by FIR_LEN[1:0]. Each multiplexer state will start on the rising edge of CK32. FIR conversions
require 1, 2, or 3 CK32 cycles. The number of CK32 cycles is determined by FIR_LEN[1:0].
1.2.3 A/D Converter (ADC)
A single delta-sigma A/D converter digitizes the voltage and current inputs to the 71M6533/71M6534. The
resolution of the ADC is programmable using the I/O RAM bits M40MHZ and M26MHZ (see Table 2). The
CE code must be tailored for use with the selected ADC resolution.
Table 2: ADC Resolution
Setting for [M40MHZ,
M26MHZ]
FIR_LEN[1:0]
FIR CE
Cycles
Resolution
[00], [10] or [11]
0
1
2
138
288
384
18 bits
21 bits
22 bits
[01]
0
1
2
186
384
588
19 bits
22 bits
24 bits
Initiation of each ADC conversion is controlled by MUX_CTRL as described in Section 1.1.1. At the end of
each ADC conversion, the FIR filter output data is stored into the CE RAM location determined by the MUX
selection.
1.2.4 FIR Filter
The finite impulse response filter is an integral part of the ADC and it is optimized for use with the multiplexer.
The purpose of the FIR filter is to decimate the ADC output to the desired resolution. At the end of each
ADC conversion, the output data is stored into the fixed CE RAM location determined by the multiplexer
selection as shown in Table 3. FIR data is stored LSB justified, but shifted left by eight bits.


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz