Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 104 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 104 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 100Page - Maxim Integrated Products 71M6534 Datasheet HTML 101Page - Maxim Integrated Products 71M6534 Datasheet HTML 102Page - Maxim Integrated Products 71M6534 Datasheet HTML 103Page - Maxim Integrated Products 71M6534 Datasheet HTML 104Page - Maxim Integrated Products 71M6534 Datasheet HTML 105Page - Maxim Integrated Products 71M6534 Datasheet HTML 106Page - Maxim Integrated Products 71M6534 Datasheet HTML 107Page - Maxim Integrated Products 71M6534 Datasheet HTML 108Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
104
Rev 2
5.3.11 Noise Suppression and Version Parameters
Table 65 shows the CE parameters used for suppression of noise due to scaling and truncation effects.
Table 65: CE Parameters for Noise Suppression and Code Version
CE
Address
Name
Default Description
0x26
QUANTA
0
These parameters are added in channel A to the Watt calculation
to compensate for input noise and truncation.
LSB = (VMAX*IMAX / In_8) *1.04173*10-9 W
0x27
QUANTB
0
0x28
QUANTC
0
0x2A
QUANT_VARA
0
These parameters are added to the VAR calculation for element
A and B to compensate for input noise and truncation.
LSB = (VMAX*IMAX / In_8) * 1.04173*10-9 W
0x2B
QUANT_VARB
0
0x2C
QUANT_VARC
0
0x2E
QUANT_IA
0
These parameters are added to compensate for input noise and
truncation in their respective channels in the squaring calculations
for I2 and V2.
LSB=VMAX2*5.08656*10-13 V2 and
LSB= (IMAX2/In_82)* 5.08656*10-13 A2
0x2F
QUANT_IB
0
0x30
QUANT_IC
0
0x35
0x63653333
Text strings holding the CE version information as supplied by
the CE data associated with the CE code. For example, the
words 0x63653333 and 0x61303463 form the text string
“ce33a04c”.
These locations are overwritten in operation.
0x36
0x61303463
0x37
0x00000000
5.3.12 CE Calibration Parameters
Table 66 lists the parameters that are typically entered to effect calibration of meter accuracy.
Table 66: CE Calibration Parameters
CE
Address
Name
Default Description
0x10
CAL_IA
16384
These constants control the gain of their respective channels. The
nominal value for each parameter is 214 = 16384. The gain of each
channel is directly proportional to its CAL parameter. Thus, if the
gain of a channel is 1% slow, CAL should be increased by 1%.
CAL_ID is used to calibrate the neutral current input.
0x11
CAL_VA
16384
0x12
CAL_IB
16384
0x13
CAL_VB
16384
0x14
CAL_IC
16384
0x15
CAL_VC
16384
0x16
CAL_ID
16384
0x18
PHADJ_A
0
These constants control the CT phase compensation. No com-
pensation occurs when PHADJ_X = 0. As PHADJ_X is increased,
more compensation (lag) is introduced. The range is ± 215 – 1. If it
is desired to delay the current by the angle Φ, the equations are:
Φ
Φ
=
TAN
TAN
X
PHADJ
0131
.
0
1487
.
0
02229
.
0
2
_
20
at 60Hz
Φ
Φ
=
TAN
TAN
X
PHADJ
009695
.
0
1241
.
0
0155
.
0
2
_
20
at 50Hz
0x19
PHADJ_B
0
0x1A
PHADJ_C
0


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz