Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 102 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 102 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 98Page - Maxim Integrated Products 71M6534 Datasheet HTML 99Page - Maxim Integrated Products 71M6534 Datasheet HTML 100Page - Maxim Integrated Products 71M6534 Datasheet HTML 101Page - Maxim Integrated Products 71M6534 Datasheet HTML 102Page - Maxim Integrated Products 71M6534 Datasheet HTML 103Page - Maxim Integrated Products 71M6534 Datasheet HTML 104Page - Maxim Integrated Products 71M6534 Datasheet HTML 105Page - Maxim Integrated Products 71M6534 Datasheet HTML 106Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
102
Rev 2
Table 62: Other Transfer Variables
CE
Address
Name
Description
0x82
FREQ_X
Fundamental frequency: LSB
6
32
10
587
.
0
2
S
F
Hz
0x97
PH_AtoB_X
Voltage phase lag. The selection of the reference phase is based
on FREQSEL1 and FREQSEL0 in the CECONFIG register:
If FREQSEL1/FREQSEL0 select phase A: Phase lag from A to B.
If FREQSEL1/FREQSEL0 select phase B: Phase lag from B to C.
If FREQSEL1/FREQSEL0 select phase C: Phase lag from C to A.
The angle in degrees is (0 to 360): PH_AtoB_X * 360/NACC + 2.4
0x98
PH_AtoC_X
If FREQSEL1/FREQSEL0 select phase A: Phase lag from A to C.
If FREQSEL1/FREQSEL0 select phase B: Phase lag from B to A.
If FREQSEL1/FREQSEL0 select phase C: Phase lag from C to B.
Angle in degrees is (0 to 360): PH_AtoC_X * 360/NACC + 4.8
0x83
MAINEDGE_X
The number of edge crossings of the selected voltage in the
previous accumulation interval. Edge crossings are either
direction and are debounced.
0x84
VBAT_SUM_X
The output of the battery measurement. This value is
equivalent to twice the measured ADC value.
5.3.9 Temperature Measurement and Temperature Compensation
Table 63 describes the CE registers supporting temperature measurement and temperature compensation.
Table 63: CE Temperature Registers
CE
Address
Name
Default Description
0x81
TEMP_RAW
N/A
The filtered, unscaled reading from the temperature sensor.
0x9D
TEMP_X
N/A
This register contains the difference between the die temperature
and the reference/calibration temperature as established in the
TEMP_NOM register, measured in 0.1°C.
0x39
DEGSCALE
21755
Scale factor for the temperature calculation. It is not necessary
to use values other than the default value.
0x1F
TEMP_NOM
0
This register holds the reference or calibration temperature
vale. At calibration time, the value read in TEMP_RAW must be
written to TEMP_NOM.
0x3A
PPMC
0
Linear temperature correction factor.
0x3B
PPMC2
0
Quadratic temperature correction factor.
5.3.10 Pulse Generation
Table 64 describes the CE pulse generation parameters.
The combination of the PULSE_SLOW and PULSE_FAST parameters (see Table 58) controls the speed of
the pulse rate. The default values of 0 and 0 will maintain the original pulse rate given by the Kh equation.
WRATE controls the number of pulses that are generated per measured Wh and VARh quantities. The
lower WRATE is, the slower the pulse rate for measured energy quantity. The metering constant Kh is
derived from WRATE as the amount of energy measured for each pulse. That is, if Kh = 1Wh/pulse, a
power applied to the meter of 120 V and 30 A results in one pulse per second. If the load is 240 V at
150 A, ten pulses per second will be generated.


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz