Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 95 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 95 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 91Page - Maxim Integrated Products 71M6534 Datasheet HTML 92Page - Maxim Integrated Products 71M6534 Datasheet HTML 93Page - Maxim Integrated Products 71M6534 Datasheet HTML 94Page - Maxim Integrated Products 71M6534 Datasheet HTML 95Page - Maxim Integrated Products 71M6534 Datasheet HTML 96Page - Maxim Integrated Products 71M6534 Datasheet HTML 97Page - Maxim Integrated Products 71M6534 Datasheet HTML 98Page - Maxim Integrated Products 71M6534 Datasheet HTML 99Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
95
5.3 CE Interface Description
5.3.1 CE Program
The CE performs the precision computations necessary to accurately measure power. These computations
include offset cancellation, phase compensation, product smoothing, product summation, frequency
detection, VAR calculation, sag detection and voltage phase measurement. All data computed by the CE
is dependent on the selected meter equation as given by EQU[2:0] (in I/O RAM). As a function of
EQU[2:0], the element components V0 through I2 take on different meanings.
The Teridian CE program is supplied as a data image that can be merged with the MPU operational code
for meter applications. Typically, the CE program covers most applications and does not need to be
modified. Other variations of the CE code may be available. The description in this section applies to CE
code revision CE34A02D, which functions for both the 71M6533 and the 71M6534. This version of the
CE code does not process the ID current channel. Also available are CE codes capable of calculating
and measuring the ID channel.
5.3.2 CE Data Format
All CE words are 4 bytes. Unless specified otherwise, they are in 32-bit two’s complement format
(-1 = 0xFFFFFFFF). Calibration parameters are defined in flash memory (or external EEPROM) and
must be copied to CE data memory by the MPU before enabling the CE. Internal variables are used in
internal CE calculations. Input variables allow the MPU to control the behavior of the CE code. Output
variables are outputs of the CE calculations. The corresponding MPU address for the most significant
byte is given by 0x0000 + 4 x CE_address and by 0x0003 + 4 x CE_address for the least significant byte.
5.3.3 Constants
Constants used in the CE Data Memory tables are:
Sampling Frequency: FS = 32768 Hz/13 = 2520.62 Hz.
F0 is the fundamental frequency of the mains phases.
IMAX is the external rms current corresponding to 250 mV pk at the inputs IA, IB and IC.
VMAX is the external rms voltage corresponding to 250 mV pk at the VA, VB and VC inputs.
NACC, the accumulation count for energy measurements is PRE_SAMPS[1:0]*SUM_CYCLES[5:0]. This
value also resides in SUM_PRE (CE address 0x23) where it is used for phase angle measurement.
The duration of the accumulation interval for energy measurements is
PRE_SAMPS[1:0]*SUM_CYCLES[5:0]/FS.
ln_8 is a gain constant of the current channel, n. Its value is 8 or 1 and is controlled by In_SHUNT.
X is a gain constant of the pulse generators. Its value is determined by PULSE_FAST and PULSE_SLOW.
Voltage LSB for sag detection = VMAX * 7.879810-9 V.
The system constants IMAX and VMAX are used by the MPU to convert internal digital quantities (as
used by the CE) to external, i.e. metering quantities. Their values are determined by the scaling of the
voltage and current sensors used in an actual meter. The LSB values used in this document relate digital
quantities at the CE or MPU interface to external meter input quantities. For example, if a SAG threshold
of 80 V peak is desired at the meter input, the digital value that should be programmed into SAG_THR
would be 80 V/SAG_THRLSB, where SAG_THRLSB is the LSB value in the description of SAG_THR.
The parameters EQU[2:0], CE_E, PRE_SAMPS[1:0], and SUM_CYCLES[5:0], essential to the function of
the CE, are stored in I/O RAM (see Section 5.2 I/O RAM Description – Alphabetical Order).


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz