Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 94 Page - Maxim Integrated Products

Part # 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 94 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 90Page - Maxim Integrated Products 71M6534 Datasheet HTML 91Page - Maxim Integrated Products 71M6534 Datasheet HTML 92Page - Maxim Integrated Products 71M6534 Datasheet HTML 93Page - Maxim Integrated Products 71M6534 Datasheet HTML 94Page - Maxim Integrated Products 71M6534 Datasheet HTML 95Page - Maxim Integrated Products 71M6534 Datasheet HTML 96Page - Maxim Integrated Products 71M6534 Datasheet HTML 97Page - Maxim Integrated Products 71M6534 Datasheet HTML 98Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
94
Rev 2
VERSION[7:0]
2006
20C8
R
R
The device version index. This word may be read by the firmware to determine the
silicon version.
VERSION[7:0]
Silicon Version
0000 0101
A05
VREF_CAL
2004[7]
0
0
R/W Brings VREF to the VREF pad. This feature is disabled when VREF_DIS =1.
VREF_DIS
2004[3]
0
0
R/W Disables the internal voltage reference.
WAKE_ARM
20A9[7]
0
W
Writing a 1 to this bit arms the autowake timer and presets it with the values presently
in WAKE_PRD and WAKE_RES. The autowake timer is reset and disarmed whenever
the processor is in MISSION mode or BROWNOUT mode. The timer must be armed
at least three RTC cycles before the SLEEP or LCD-ONLY mode is commanded.
WAKE_PRD
20A9[2:0]
001
R/W Sleep time. Time = WAKE_PRD[2:0]*WAKE_RES. The default = 001. The maximum
value is 7.
WAKE_RES
20A9[3]
0
R/W Resolution of WAKE timer: 1 = 1 minute, 0 = 2.5 seconds.
WD_NROVF_
FLAG
20B1[0]
0
R/W This flag is set approximately 1 ms before the watchdog timer overflows. It is cleared
by writing a 0 or on the falling edge of WAKE.
WD_RST
SFR F8[7]
0
0
W
WD timer bit. This bit must be accessed with byte operations. Operations possible for
this bit are:
Write 0: Clears the flag.
Write 1: Resets the WDT.
WD_OVF
2002[2]
0
NV*
R/W
The WDT overflow status bit, set when the WDT overflows. It is preserved in LCD
mode and will indicate at bootup if the part is recovering from a WDT overflow or a
power fault. This bit should be cleared by the MPU on bootup. It is also automatically
cleared when RESET is high.
*Not preserved in SLEEP mode
WE
201F[7:0]
W
An 8-bit value has to be written to this address prior to accessing the RTC registers.
WRPROT_BT
SFR B2[5]
0
0
When set, this bit protects flash addresses from 0 to BOOT_SIZE*1024 from flash page erase.
WRPROT_CE
SFR B2[4]
0
0
When set, this bit protects flash addresses from CE_LCTN*1024 to the end of memory
from flash page erase.
Applicable to the 71M6534 only.


Similar Part No. - 71M6534

ManufacturerPart #DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart #DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com