Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 93 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 93 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 89Page - Maxim Integrated Products 71M6534 Datasheet HTML 90Page - Maxim Integrated Products 71M6534 Datasheet HTML 91Page - Maxim Integrated Products 71M6534 Datasheet HTML 92Page - Maxim Integrated Products 71M6534 Datasheet HTML 93Page - Maxim Integrated Products 71M6534 Datasheet HTML 94Page - Maxim Integrated Products 71M6534 Datasheet HTML 95Page - Maxim Integrated Products 71M6534 Datasheet HTML 96Page - Maxim Integrated Products 71M6534 Datasheet HTML 97Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 132 page
background image
FDS_6533_6534_004
71M6533/G/H and 71M6534/H Data Sheet
Rev 2
93
SLOT0_ALTSEL
[3:0]
SLOT1_ALTSEL
[3:0]
SLOT2_ALTSEL
[3:0]
SLOT8_ALTSEL
[3:0]
SLOT9_ALTSEL
[3:0]
2096[3:0]
2096[7:4]
2097[3:0]
209A[3:0]
209A[7:4]
10
1
11
8
9
10
1
11
8
9
R/W
Alternate multiplexer frame analog input selection. Maps the selected input, 0-11, to
the multiplexer state.
The additional inputs, 10 and 11 in the alternate frame are:
10 = TEMP
11 = VBAT
SP_ADDR[15:8]
SP_ADDR[7:0]
2072[7:0]
2073[7:0]
R
R
SPI Address. 16-bit address from the bus master.
SP_CMD
2071
R
SPI command. 8-bit command from the bus master.
SPE
2070[7]
0
0
R/W SPI port enable. Enables the SPI interface on pins SEG3 through SEG6.
SPI_FLAG
20B1[4]
R/W
SPI interrupt flag. The flag is set by the hardware and is cleared by the firmware
writing a 0. Firmware using this interrupt should clear the spurious interrupt indication
during initialization.
SUBSEC[7:0]
2014[7:0]
R
The remaining count, in terms of 1/256 RTC cycles, to the next one second boundary.
SUBSEC may be read by the MPU after the one second interrupt and before reaching
the next one second boundary. Setting RST_SUBSEC will clear SUBSEC.
SUM_CYCLES[5:0] 2001[5:0]
0
0
R/W The number of pre-summer outputs summed in the final summer.
TMUX[4:0]
20AA[4:0]
2
R/W Selects one of 32 signals for TMUXOUT. For details, see Section 1.5.13 Test Ports
(TMUXOUT Pin).
TRIM[7:0]
20FF
0
0
R/W
Contains TRIMT[7:0], TRIMBGA,TRIMBGB or TRIMM[2:0] depending on the value
written to TRIMSEL[3:0]. If TRIMBGB = 0, the device is a 71M6533/71M6534, else it is
a 71M6533H/71M6534H.
TRIMSEL[3:0]
20FD[3:0]
0
0
R/W
Selects the temperature trim fuse to be read with the TRIM register:
TRIMSEL[3:0]
Trim Fuse
Purpose
1
TRIMT[7:0]
Trim for the magnitude of VREF
4
TRIMM[2:0]
Trim values related to temperature
compensation
5
TRIMBGA
6
TRIMBGB
UMUX_E
200F[7]
0
0
R/W Enables the optical UART multiplexer, selects the alternate function (MTX, MRX) for
DIO18, DIO22.
UMUX_SEL
S00F[6]
0
0
R/W When UMUX_E = 1, selects between OPT_TX, OPT_RX and MTX, MRX as the optical
UART I/O pins. 0 = OPT_TX, OPT_RX, 1 = MTX, MRX


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz