Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6534 Datasheet(PDF) 92 Page - Maxim Integrated Products

Part No. 71M6534
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6534 Datasheet(HTML) 92 Page - Maxim Integrated Products

Back Button 71M6534 Datasheet HTML 88Page - Maxim Integrated Products 71M6534 Datasheet HTML 89Page - Maxim Integrated Products 71M6534 Datasheet HTML 90Page - Maxim Integrated Products 71M6534 Datasheet HTML 91Page - Maxim Integrated Products 71M6534 Datasheet HTML 92Page - Maxim Integrated Products 71M6534 Datasheet HTML 93Page - Maxim Integrated Products 71M6534 Datasheet HTML 94Page - Maxim Integrated Products 71M6534 Datasheet HTML 95Page - Maxim Integrated Products 71M6534 Datasheet HTML 96Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 132 page
background image
71M6533/G/H and 71M6534/H Data Sheet
FDS_6533_6534_004
92
Rev 2
QREG[1:0]
201E[1:0]
0
NV
R/W RTC adjust. See Section 1.5.3 Real-Time Clock (RTC) for additional details.
RST_SUBSEC
2010[0]
0
NV
R/W The sub-second counter is restarted when a 1 is written to this bit.
RTCA_ADJ[6:0]
2011[6:0]
40
R/W Analog RTC adjust. See Section 1.5.3 Real-Time Clock (RTC) for additional details.
RTC_SEC[5:0
RTC_MIN[5:0]
RTC_HR[4:0]
RTC_DAY[2:0]
RTC_DATE[4:0]
RTC_MO[3:0]
RTC_YR[7:0]
2015
2016
2017
2018
2019
201A
201B
*
*
*
*
*
*
*
NV
NV
NV
NV
NV
NV
NV
R/W
These are the year, month, day, hour, minute and second parameters of the RTC.
Writing to these registers sets the time. Each write to one of these registers must be
preceded by a write to 0x201F (WE). Valid values for each parameter are:
SEC: 00 to 59, MIN: 00 to 59, HR: 00 to 23 (00 = Midnight)
DAY: 01 to 07 (01 = Sunday), DATE: 01 to 31, MO: 01 to 12
YR: 00 to 99 (00 and all others divisible by 4 are leap years)
Values in the RTC registers are undefined when the IC powers up without a battery but
are maintained through mission and battery modes when a sufficient voltage is maintained
at the VBAT pin. Write operations to these registers are delayed by one second.
There is no change of value at reset if the voltage at VBAT is within specification.
RTM_E
2002[3]
0
0
R/W Real Time Monitor enable (RTM). When 0, the RTM output is low.
RTM0[7:0]
RTM1[7:0]
RTM2[7:0]
RTM3[7:0]
2060[9:8]
2061[7:0]
2062[9:8]
2063[7:0]
2064[9:8]
2064[7:0]
2065[9:8]
2066[7:0]
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R/W The four RTM probes. Before each CE code pass, the values of these registers are
serially output on the RTM pin. The RTM registers are ignored when RTM_E = 0.
SECURE
SFRB2[6]
0
R/W
When set, enables security provisions that prevent external reading of flash memory
and CE program RAM (zeros will be returned if the memory is read). It should be set
while PREBOOT is set. SECURE is cleared when the flash is mass-erased and on chip
reset. The bit may only be set, attempts to write zero are ignored.
SLEEP
20A9[6]
0
0
W
Puts the 71M6533/71M6534 into SLEEP mode. This bit is ignored if system power is
present. The 71M6533 and 71M6534 will wake when the autowake timer times out,
when the push button is pushed, when system power returns or when RESET goes high.
SEL_IAN
SEL_IBN
SEL_ICN
SEL_IDN
20AC[1]
20AC[5]
20AD[1]
20AD[5]
0
0
0
0
0
0
0
0
R/W When set to 1, selects differential mode for the corresponding current input (IA, IB, IC,
or ID). When 0, the input remains single-ended.
SLOT0_SEL[3:0]
SLOT1_SEL[3:0]
SLOT8_SEL[3:0]
SLOT9_SEL[3:0]
2090[3:0]
2090[7:4]
2094[3:0]
2094[7:4]
0
1
8
9
0
1
8
9
R/W
Primary multiplexer frame analog input selection. These bits map the selected input,
0-9 to the multiplexer state. The ADC output is always written to the memory location
corresponding to the input, regardless of which multiplexer state an input is mapped to
(see Section 1.1
Error! Not a valid result for table.).


Similar Part No. - 71M6534

ManufacturerPart No.DatasheetDescription
Teridian Semiconductor Corporation
Teridian Semiconductor ...
71M6534 TERIDIAN-71M6534 Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGT/F TERIDIAN-71M6534-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534-IGTR/F TERIDIAN-71M6534-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H TERIDIAN-71M6534H Datasheet
1Mb / 124P
   Energy Meter IC
71M6534H-IGT/F TERIDIAN-71M6534H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6534

ManufacturerPart No.DatasheetDescription
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
Kemet Corporation
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
Lumileds Lighting Company
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
Qualtek Electronics Corporation
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
List of Unclassifed Manufacturers
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
Panasonic Semiconductor
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
List of Unclassifed Manufacturers
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
Omron Electronics LLC
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz